Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8225 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VT8225
Description  Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8225 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VT8225 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VIA Technologies, Inc.
VT8225
1045 Mission Court.
8th. Fl., No. 533
Fremont, CA 94539
Chung-cheng Rd.,Hsin-tien
USA
Taipei, Taiwan, R.O.C.
TEL: 1-510-683-3300 FAX: 1-510-683-3301
TEL: 886-2-218-5452 FAX: 886-2-218-5453
-1-
VT8225 Clock Generator
Date: July 5, 1994
Features
∗ Generates essential clock signals for the motherboard
∗ 4V to 7V operating supply range
∗ Supports 80286, 80386 and 80486 based designs
∗ Wide range of selectable output frequencies
∗ < 2ns skew between CPU and 2X CPU clock outputs
∗ Single low cost crystal (14.318Mhz) used as reference frequency
∗ Smooth transition on frequency switching
∗ 50% duty cycle
∗ Power down mode for low power consumption
∗ TTL or CMOS compatible outputs with 12mA drive capability
∗ Low, short and long term jitter
∗ 14 pin DIP and 14 pin SOIC (300 mil body) package options
Description
The VT8225 is a universal clock generator for motherboard design. The product at a glimpse:
1. Generates all kinds of required clocks for CPU and bus operation from 6 Mhz to 80 Mhz.
2. Eliminates at least two oscillators, which are oscillators for CPU and 14.318MHz oscillator.
3. Simplifies inventory: VT8225 covers required main clock for the motherboard design.
4. Provides a reliable clock for the PLL design.
5. Is pin-to-pin compatible to oscillator.


Similar Part No. - VT8225

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT8231 ETC-VT8231 Datasheet
1Mb / 132P
SOUTH BRIDGE PC99 COMPLIANT
logo
VIA Technologies, Inc.
VT8235 VIA-VT8235 Datasheet
1Mb / 145P
V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
Revision 1.22 October 24, 2002
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
Real Time Clock
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
VT82C42 ETC-VT82C42 Datasheet
61Kb / 13P
VT82C42 Keyboard Controller
More results

Similar Description - VT8225

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
CLOCK GENERATOR
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
Clock Generator
BU3072HFV ROHM-BU3072HFV Datasheet
248Kb / 6P
Clock Generator
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
Clock Generator
July, 2014 ??Rev. 1
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
Clock Generator
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
Clock Generator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com