Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3616 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP3616
Description  SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3616 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3616 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH AP3616
13
BCD Semiconductor Manufacturing Limited
Data Sheet
Jul. 2012 Rev. 1. 2
U1
+24V (VCC)
CIN1
22 F/50V
CIN2 CIN3
OVP1
R1
EN
RG
RT
100k
R4
100k
RCS1
RCS2
RC
3.9k
CC
10nF/16V
UVLO
OV
EN
VIN
VCC
OUT
GND
RT
CS
GND
+24V
L
47 H/4A
SHDN
FB
COMP
SS
R2
R3
C1
D
MBRD360
60V/3A
COUT1
10 F/100V
ROV3
COUT2
10 F/100V
VOUT
ROV1
OVP1 OVP2
ROV2
4.3k
ROV4
4.3k
VCC=24V
C2
0.1 F/50V
R7_1
130k
C3_1
6.8nF
R8_1
51
R9_1
1k
+5V
OVP2
SYN
FB
VIN
DIM
FBX
FQD13N06L
60V/11A
AP3616
R11_1
(Optional)
Css
22nF/16V
300m
300m
R5 62k
1
2
3
4
5
6
78
9
10
11
12
13
14
(Optional)
(Optional)
(Optional)
R6
30k
R7
130k
C3
6.8nF
R8
51
R9
1k
+5V
OVP2
SYN
FB
VIN
DIM
FBX
AP3616
VCC=24V
C2
0.1 F/50V
EN
U2
U3
R10
51
PWM
PWM / Linear
Dimming
(Optional)
51
200k
150k
LED Arrays
12x32
1 F
R6_1
30k
Typical Application
Single Chip Application (12S16P)
Figure 19. Typical Applications of AP3616
Multi Chips Application (12S32P)
µ
U1
+24V (VCC)
CIN1
22 F/50V
CIN2 CIN3
OVP1
R1
EN
RG
RT
100k
R4
100k
RCS1
RCS2
RC
3.9k
CC
10nF/16V
UVLO
OV
EN
VIN
VCC
OUT
GND
RT
CS
GND
+24V
L
47 H/4A
SHDN
FB
COMP
SS
R2
R3
C1
D
MBRD360
60V/3A
COUT1
10 F/100V
ROV3
COUT2
10 F/100V
VOUT
ROV1
OVP1
OVP2
ROV2
4.3k
ROV4
4.3k
VCC=24V
C2
0.1 F/50V
R6
30k
R7
130k
C3
6.8nF
R8
51
R9
1k
EN +5V
OVP2
R10
51
PWM
SYN
FB
VIN
DIM
FBX
FQD13N06L
60V/11A
AP3616
R10
(Optional)
Css
22nF/16V
2
300m
300m
R5 62k
1
2
3
4
5
6
78
9
10
11
12
13
14
PWM / Linear
Dimming
(Optional)
(Optional)
(Optional)
1 F
51
(Optional)
200k
150k
LED Arrays
12x16
µ
µ
µ
Ω
µ
µ
µ
µ
Ω
Ω
Ω
Ω
µ
Ω
2
Ω
µ
µ
µ
µ
Ω
Ω
Ω
Ω
µ
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com