Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3616 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3616
Description  SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3616 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3616 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3616 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH AP3616
Data Sheet
2
BCD Semiconductor Manufacturing Limited
Jul. 2012 Rev. 1. 2
Figure 2. Pin Configuration of AP3616 (Top View)
Pin Configuration
(SOIC-28)
M Package
(HSOP-28)
M28 Package
1
2
3
4
5
6
7
8
10
12
28
27
26
25
24
23
22
21
19
17
9
20
11
18
14
13
15
16
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
FLAG
FB
FBX
EN
VIN
GND
CH9
CH10
CH11
CH12
CH13
CH14
CH15
CH16
OVP
SCP
SYN
SYNF
DIM
ISET
3
1
2
4
5
6
7
10
8
9
11
12
13
14
19
21
20
18
17
16
15
26
28
27
25
24
23
22
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
CH12
CH13
CH14
CH16
OVP
SCP
SYN
SYNF
DIM
ISET
GND
VIN
EN
FBX
FB
FLAG
CH15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com