Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP435 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP435
Description  2A Ultra-Small Controlled Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP435 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP435 Datasheet HTML 1Page - ON Semiconductor NCP435 Datasheet HTML 2Page - ON Semiconductor NCP435 Datasheet HTML 3Page - ON Semiconductor NCP435 Datasheet HTML 4Page - ON Semiconductor NCP435 Datasheet HTML 5Page - ON Semiconductor NCP435 Datasheet HTML 6Page - ON Semiconductor NCP435 Datasheet HTML 7Page - ON Semiconductor NCP435 Datasheet HTML 8Page - ON Semiconductor NCP435 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2013
August, 2016 − Rev. 5
1
Publication Order Number:
NCP435/D
NCP434, NCP435
2A Ultra-Small Controlled
Load Switch with
Auto-Discharge Path
The NCP434 and NCP435 are a low Ron MOSFET controlled by
external logic pin, allowing optimization of battery life, and portable
device autonomy.
Indeed, due to a current consumption optimization with PMOS
structure, leakage currents are eliminated by isolating connected IC’s
on the battery when not used.
Output discharge path is also embedded to eliminate residual
voltages on the output (NCP435 only).
Available in wide input voltage range from 1.0 V to 4.0 V, and a very
small 0.96 x 0.96 mm WLCSP4, 0.5 mm pitch.
Features
• 1 V − 3.6 V Operating Range
• 29 mW P MOSFET at 3.3 V
• DC current up to 2 A
• Output Auto−discharge (NCP435)
• Active high EN pin
• WLCSP4 0.96 x 0.96 mm
• These are Pb−Free Devices
Typical Applications
• Mobile Phones
• Tablets
• Digital Cameras
• GPS
• Portable Devices
Figure 1. Typical Application Circuit
EN
ENx
DCDC Converter
0
Platform IC’n
V+
LS
or
LDO
NCP435
OUT
A1
GND
B1
IN
A2
EN
B2
MARKING
DIAGRAM
www.onsemi.com
See detailed ordering, marking and shipping information in the
package dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
WLCSP4
CASE 567FG
1
XX
AYW
OUT
GND
IN
EN
12
A
B
(Top View)
PIN DIAGRAM
XX
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Wafer Lot


Similar Part No. - NCP435

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP435 ONSEMI-NCP435 Datasheet
700Kb / 10P
2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
Supervisory IC
September, 2007 - Rev. 0
NCP4350DR2G ONSEMI-NCP4350DR2G Datasheet
139Kb / 10P
Supervisory IC
September, 2007 - Rev. 0
NCP4352 ONSEMI-NCP4352 Datasheet
98Kb / 10P
Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
NCP4352SNT1G ONSEMI-NCP4352SNT1G Datasheet
98Kb / 10P
Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
More results

Similar Description - NCP435

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP334 ONSEMI-NCP334 Datasheet
271Kb / 10P
2A Ultra-Small Controlled Load Switch with Auto-Discharge Path
August, 2012 ??Rev. 1
logo
Fairchild Semiconductor
FPF1203L FAIRCHILD-FPF1203L_13 Datasheet
390Kb / 3P
IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
logo
ON Semiconductor
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
NCP339 ONSEMI-NCP339 Datasheet
250Kb / 10P
3 A Ultra-Small Controlled Load Switch
November, 2013 ??Rev. 2
NCP436 ONSEMI-NCP436 Datasheet
100Kb / 7P
3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1
NCP336 ONSEMI-NCP336 Datasheet
396Kb / 9P
3 A Ultra-Small Controlled Load Switch
September, 2012 ??Rev. 2
NCP338 ONSEMI-NCP338 Datasheet
181Kb / 8P
2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2
NCP334 ONSEMI-NCP334_16 Datasheet
224Kb / 10P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
FPF1203 ONSEMI-FPF1203 Datasheet
1Mb / 12P
Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com