Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65232 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65232
Description  TRIPLE BUCK POWER MANAGEMENT IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65232 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65232 Datasheet HTML 3Page - Texas Instruments TPS65232 Datasheet HTML 4Page - Texas Instruments TPS65232 Datasheet HTML 5Page - Texas Instruments TPS65232 Datasheet HTML 6Page - Texas Instruments TPS65232 Datasheet HTML 7Page - Texas Instruments TPS65232 Datasheet HTML 8Page - Texas Instruments TPS65232 Datasheet HTML 9Page - Texas Instruments TPS65232 Datasheet HTML 10Page - Texas Instruments TPS65232 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TPS65232
www.ti.com
SLVSA42 – FEBRUARY 2010
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
Input voltage range at VIN
–0.3 to 25
V
Input voltage range at VINB, VINBQ
–0.3 to 7.0
V
Voltage range at EN_BCK1, EN_BCK2, EN_BCK3
–0.3 to 3.6
V
Voltage on HDRV, BST1
–0.3 to 31
V
Voltage on PH1
–0.3 to 24
V
Voltage on FB1, CMP1, FB2, CMP2, FB3, CMP3
–0.3 to 3.6
V
Voltage on PH2, PH3, LDRV
–0.3 to 7.0
V
Voltage on BST2, BST3
–0.3 to 15
V
Output current at BUCK2, BUCK3
3.8
A
Peak output current
Internally limited
Human body model (HBM)
2k
ESD rating
V
Charged device model (CDM)
500
TSSOP
25
qJA
Thermal resistance – Junction to ambient(3)
°C/W
QFN
18.1
TSSOP
2.6
Continuous total power dissipation 55°C(3) no thermal
W
warning
QFN
2.5
TJ
Operating virtual junction temperature range
0 to 150
°C
TA
Operating ambient temperature range
0 to 85
°C
TSTG
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Using JEDEC 51-5 (High K) board. This is based on standard 48DCA package, 4 layers, top/bottom layer: 2 oz Cu, inner layer: 1 oz Cu.
Board size: 114.3 x 76.2 mm (4.5 x 3 inches), board thickness: 1.6 mm (0.0629 inch).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65232
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com