Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65232 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS65232
Description  TRIPLE BUCK POWER MANAGEMENT IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65232 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65232 Datasheet HTML 12Page - Texas Instruments TPS65232 Datasheet HTML 13Page - Texas Instruments TPS65232 Datasheet HTML 14Page - Texas Instruments TPS65232 Datasheet HTML 15Page - Texas Instruments TPS65232 Datasheet HTML 16Page - Texas Instruments TPS65232 Datasheet HTML 17Page - Texas Instruments TPS65232 Datasheet HTML 18Page - Texas Instruments TPS65232 Datasheet HTML 19Page - Texas Instruments TPS65232 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
R
=
12
V
R
FB
·
11
¾
V
- V
OUT
FB
L =
V
-V
IN(MAX)
OUT
0.3
· IOUT
¾ ·
V
OUT
V
IN(MAX)
¾ ·
1
¾
f
SW
I
=
L(RMS)
Ö(I
L(avg)
2 + 1
¾
12
(I
)
RIPPLE
2
) =Ö
¾
¾
(I
)
OUT
2 + 1
¾
12 (I
)
RIPPLE
2
TPS65232
SLVSA42 – FEBRUARY 2010
www.ti.com
We calculate a trip resistor value of 210 k
Ω. Place a 1-nF capacitor parallel to R14. Please note that typical FET
RDS(ON) is specified at 10 mΩ. Since we used RDSON,MAX, for setting the current limit, the actual current flowing
through the inductor with a nominal FET can be higher than the peak current of 7.4 A before the current limit
kicks in. Make sure that the chosen inductor has the correct peak current capabilities.
FEEDBACK LOOP DESIGN
TPS65232 loop compensation looks like a type-II compensation network because an internal zero-pole pair can
provide additional phase boost to stabilize this voltage mode control DC/DC controller. The internal zero is
located at 45 kHz and the pole is located at 240 kHz. Ideally, the best cross-over frequency is around 1/10th of
the switching frequency.
FEEDBACK DIVIDER (R11, R12)
Select R11 between 10 k
Ω and 100 kΩ. For this design select 22.1 kΩ. Next, R12 Is selected to produce the
desired output voltage when VFB = 0.8 V using the following formula:
(18)
VFB = 0.8 V and R11 = 22.1 KΩ for VOUT = 5.0 V, R12 = 4.22 kΩ.
Error Amplifier Pole-Zero Selection
The design guidelines for TPS65232 Buck1 loop compensation are as follows:
1. Place a compensation zero at 8 kHz to boost the phase margin at the anticipated cross-over frequency.
2. Set the value of R and C of this to zero: C16 = 1000 pF and R13 = 20 k
Ω.
3. Add an additional pole by making C17 = 100 pF. This pole is used to attenuate high frequency noise.
4. If VIN is 20 V - 24 V, make C17 = 200 pF.
BUCK2 DESIGN GUIDELINE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input supply voltage
4.75
5
6
V
VIN RIPPLE
Input voltage ripple
IOUT, BUCK1 = 3 A
75
mV
VOUT
Output voltage
1.8
V
Line regulation
VIN = 3 V to 6 V
18
mV
Load regulation
IOUT, BUCK1 = 0 A to 3 A
18
mV
VOUT RIPPLE
Output ripple
IOUT, BUCK1 = 3 A
36
mV
VTRANS
Transient deviation
IOUT, BUCK1 = 1.5 A to 3 A
50
mV
IOUT
Output current
VIN = 3 V to 6 V
0
3
A
fSW
Switching frequency
1000
kHz
INDUCTOR SELECTION (L2)
The inductor is typically sized for < 30% peak-to-peak ripple current (IRIPPLE). Given this target ripple current, the
required inductor size is calculated by Equation 5.
(19)
Solving Equation 19 with VIN(MAX) = 6 V, an inductor value of 1.4 mH is obtained. A standard value of 2.2 mH is
selected, resulting in 0.37-A peak-to-peak ripple. The RMS current through the inductor is approximated by
Equation 6.
(20)
Using Equation 20, the maximum RMS current in the inductor is about 3.002 A.
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65232
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com