Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCFR83 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCFR83
Description  DIRECT RAMBUS CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCFR83 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCFR83 Datasheet HTML 2Page - Texas Instruments CDCFR83 Datasheet HTML 3Page - Texas Instruments CDCFR83 Datasheet HTML 4Page - Texas Instruments CDCFR83 Datasheet HTML 5Page - Texas Instruments CDCFR83 Datasheet HTML 6Page - Texas Instruments CDCFR83 Datasheet HTML 7Page - Texas Instruments CDCFR83 Datasheet HTML 8Page - Texas Instruments CDCFR83 Datasheet HTML 9Page - Texas Instruments CDCFR83 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CDCFR83
DIRECT RAMBUS
 CLOCK GENERATOR
SCAS665A – APRIL 2001 REVISED MARCH 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VO(STOP)
Output voltage during CLK Stop
(STOPB = 0)
See Figure 1
1.1
2
VO(X)
Output crossing-point voltage
See Figure 1 and Figure 6
1.3
1.8
V
VO
Output voltage swing
See Figure 1
0.4
0.6
V
VIK
Input clamp voltage
VDD = 3.135 V,
II = –18 mA
–1.2
V
See Figure 1
2
VOH
High-level output voltage
VDD = min to max,
IOH = –1 mA
VDD – 0.1 V
V
VDD = 3.135 V,
IOH = –16 mA
2.4
See Figure 1
1
VOL
Low-level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VDD = 3.135 V,
IOL = 16 mA
0.5
VDD = 3.135 V,
VO = 1 V
–32
–52
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–51
mA
VDD = 3.465 V,
VO = 3.135 V
–14.5
–21
VDD = 3.135 V,
VO = 1.95 V
43
61.5
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
65
mA
VDD = 3.465 V,
VO = 0.4 V
25.5
36
IOZ
High-impedance-state output
current
S0 = 0,
S1 = 1
±10
µA
IOZ(STOP)
High-impedance-state output
current during CLK stop
Stop = 0, VO = GND or VDD
±100
µA
IOZ(PD)
High-impedance-state output
current in power-down state
PWRDNB = 0,
VO = GND or VDD
–10
100
µA
IIH
High-level
REFCLK, PCLKM,
SYNCLKN, STOPB
VDD = 3.465 V,
VI = VDD
10
µA
IIH
g
input current
PWRDNB, S0, S1,
S2, MULT0, MULT1
VDD = 3.465 V,
VI = VDD
10
µA
IIL
Low-level
REFCLK, PCLKM,
SYNCLKN, STOPB
VDD = 3.465 V,
VI = 0
–10
µA
IIL
input current
PWRDNB, S0, S1,
S2, MULT0, MULT1
VDD = 3.465 V,
VI = 0
–10
µA
ZO
Output
High state
RI at IO –14.5 mA to –16.5 mA
15
35
50
Ω
ZO
impedance
Low state
RI at IO 14.5 mA to 16.5 mA
11
17
35
Ω
Reference
VDDIR VDDIPD
VDD = 3 465 V
PWRDNB = 0
50
µA
current
VDDIR, VDDIPD
VDD = 3.465 V
PWRDNB = 1
0.5
mA
CI
Input capacitance
VI = VDD or GND
2
pF
CO
Output capacitance
VO = VDD or GND
3
pF
IDD(PD)
Supply current in power-down state
REFCLK = 0 MHz to 100 MHz,
PWDNB = 0,
STOPB = 1
100
µA
IDD(CLKSTOP) Supply current in CLK stop state
BUSCLK configured for 533 MHz
45
mA
IDD(NORMAL)
Supply current in normal state
BUSCLK = 533 MHz
100
mA
† VDD refers to any of the following; VDD, VDDIPD, VDDIR, VDDO, VDDC, and VDDP
‡ All typical values are at VDD = 3.3 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com