| Electronic Components Datasheet Search |
|
UCD3138ARMHT Datasheet(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138ARMHT Datasheet(HTML) 38 Page - Texas Instruments |
|
38 / 87 page ![]() A ON SELECT A OFF SELECT B ON SELECT B OFF SELECT EGEN A EGEN B EDGE GEN PWM A PWM B B SELECT A SELECT INTRAMUX A/B/C (N) A/B/C (N+1) C (N+2) C (N+3) A(N) B(N) A(N+1) B(N+1) 38 UCD3138A SLUSC66C – MARCH 2015 – REVISED SEPTEMBER 2016 www.ti.com Submit Documentation Feedback Product Folder Links: UCD3138A Detailed Description Copyright © 2015–2016, Texas Instruments Incorporated 7.5.3 DPWMC, Edge Generation, IntraMux The UCD3138A has hardware for generating complex waveforms beyond the simple DPWMA and DPWMB waveforms already discussed – DPWMC, the Edge Generation Module, and the IntraMux. DPWMC is an auxillary signal inside the DPWM logic. It can be generated using the Blanking A begin time, and the Blanking A end time. The Edge Gen module takes DPWMA and DPWMB from its own DPWM module, and the next one, and uses them to generate edges for two outputs. For DPWM3, the DPWM0 is considered to be the next DPWM. Each edge (rising and falling for DPWMA and DPWMB) has 8 options which can output a generated edge. The options are: 0 = DPWM(n) A Rising edge 1 = DPWM(n) A Falling edge 2 = DPWM(n) B Rising edge 3 = DPWM(n) B Falling edge 4 = DPWM(n+1) A Rising edge 5 = DPWM(n+1) A Falling edge 6 = DPWM(n+1) B Rising edge 7 = DPWM(n+1) B Falling edge Where “n" is the numerical index of the DPWM module of interest. For example n = 1 refers to DPWM1. The Edge Gen is controlled by the DPWMEDGEGEN register. The IntraMux (short for intra multiplexer) is controlled by the Auto Config registers. The IntraMux takes signals from multiple DPWMs and from the Edge Gen and combines them logically to generate DPWMA and DPWMB signals This is useful for topologies like phase-shifted full bridge, especially when they are controlled with automatic mode switching. When disabled, DPWMA and DPWMB are driven as described in the Section 7.5.2 section. If the Intra Mux is enabled, the high-resolution feature must be disabled, and the DPWM edge resolution falls to 4 ns. The Edge Gen/Intra Mux is shown in Figure 7-5. Figure 7-5. Edge Gen/Intra Mux |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |