Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138ARMHT Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHT
Description  Highly-Integrated Digital Controller for Isolated Power
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138ARMHT Datasheet(HTML) 71 Page - Texas Instruments

Back Button UCD3138ARMHT Datasheet HTML 67Page - Texas Instruments UCD3138ARMHT Datasheet HTML 68Page - Texas Instruments UCD3138ARMHT Datasheet HTML 69Page - Texas Instruments UCD3138ARMHT Datasheet HTML 70Page - Texas Instruments UCD3138ARMHT Datasheet HTML 71Page - Texas Instruments UCD3138ARMHT Datasheet HTML 72Page - Texas Instruments UCD3138ARMHT Datasheet HTML 73Page - Texas Instruments UCD3138ARMHT Datasheet HTML 74Page - Texas Instruments UCD3138ARMHT Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
71
UCD3138A
www.ti.com
SLUSC66C – MARCH 2015 – REVISED SEPTEMBER 2016
Submit Documentation Feedback
Product Folder Links: UCD3138A
Device and Documentation Support
Copyright © 2015–2016, Texas Instruments Incorporated
Constant Current/Constant Power (CCCP)
Automatic Cycle Adjustment
Fault Mux
Analog Comparators
Digital Comparators
Fault Pin functions
DPWM Fault Action
Ideal Diode Emulation (IDE), DCM Detection
Oscillator Failure Detection
Register Map for all of the above peripherals in UCD3138A
2. UCD3138A Monitoring and Communications Programmer’s Manual
Key topics covered in this manual include:
ADC12
Control, Conversion, Sequencing & Averaging
Digital Comparators
Temperature Sensor
PMBUS Addressing
Dual Sample and Hold
Miscellaneous Analog Controls (Current Sharing, Brown-Out, Clock-Gating)
PMBUS Interface
General Purpose Input Output (GPIO)
Timer Modules
PMBus
Register Map for all of the above peripherals in UCD3138A
3. UCD3138A ARM and Digital System Programmer’s Manual
Key topics covered in this manual include:
Boot ROM and Boot Flash
BootROM Function
Memory Read/Write Functions
Checksum Functions
Flash Functions
Avoiding Program Flash Lock-Up
ARM7 Architecture
Modes of Operation
Hardware/Software Interrupts
Instruction Set
Dual State Inter-working (Thumb 16-bit Mode/ARM 32-bit Mode)
Memory and System Module
Address Decoder, DEC (Memory Mapping)
Memory Controller (MMC)
Central Interrupt Module
Register Map for all of the above peripherals in UCD3138A
4. FUSION_DIGITAL_POWER_DESIGNER for Isolated Power Applications
User guide for Designer GUI
User guide for Device GUI
Firmware Memory Debugger
Manufacturing Tool (MFR GUI)
In addition to the tools and documentation described above, for the most up to date information regarding
evaluation modules, reference application firmware and application notes/design tips, please visit
http://www.ti.com/product/ UCD3138A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com