Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA211CIRSWT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA211CIRSWT
Description  Voltage Output, Low- or High-Side Measurement, Bidirectional
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA211CIRSWT Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA211CIRSWT Datasheet HTML 14Page - Texas Instruments INA211CIRSWT Datasheet HTML 15Page - Texas Instruments INA211CIRSWT Datasheet HTML 16Page - Texas Instruments INA211CIRSWT Datasheet HTML 17Page - Texas Instruments INA211CIRSWT Datasheet HTML 18Page - Texas Instruments INA211CIRSWT Datasheet HTML 19Page - Texas Instruments INA211CIRSWT Datasheet HTML 20Page - Texas Instruments INA211CIRSWT Datasheet HTML 21Page - Texas Instruments INA211CIRSWT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Output
Device
Load
Supply
ADC
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01 F
m
to
0.1 F
m
+2.7 V to +26 V
REF
R
1
R
3
R
2
R
4
R
SHUNT
18
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437I – MAY 2008 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8.4.3 REF Input Impedance Effects
As with any difference amplifier, the INA210-INA215 series common-mode rejection ratio is affected by any
impedance present at the REF input. This concern is not a problem when the REF pin is connected directly to
most references or power supplies. When using resistive dividers from the power supply or a reference voltage,
the REF pin must be buffered by an op amp.
In systems where the INA210-INA215 output can be sensed differentially, such as by a differential input analog-
to-digital converter (ADC) or by using two separate ADC inputs, the effects of external impedance on the REF
input can be cancelled. Figure 26 depicts a method of taking the output from the INA210-INA215 by using the
REF pin as a reference.
Figure 26. Sensing the INA210-INA215 to Cancel the Effects of Impedance on the REF Input
8.4.4 Using The INA210-INA215 with Common-Mode Transients Above 26 V
With a small amount of additional circuitry, the INA210-INA215 series can be used in circuits subject to transients
higher than 26 V, such as automotive applications. Use only zener diode or zener-type transient absorbers
(sometimes referred to as Transzorbs)—any other type of transient absorber has an unacceptable time delay.
Start by adding a pair of resistors as a working impedance for the zener; see Figure 27. Keeping these resistors
as small as possible is preferable, most often around 10
Ω. Larger values can be used with an effect on gain that
is discussed in the Input Filtering section. Because this circuit limits only short-term transients, many applications
are satisfied with a 10-
Ω resistor along with conventional zener diodes of the lowest power rating that can be
found. This combination uses the least amount of board space. These diodes can be found in packages as small
as SOT-523 or SOD-523.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com