Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA211CIRSWT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA211CIRSWT
Description  Voltage Output, Low- or High-Side Measurement, Bidirectional
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA211CIRSWT Datasheet(HTML) 2 Page - Texas Instruments

  INA211CIRSWT Datasheet HTML 1Page - Texas Instruments INA211CIRSWT Datasheet HTML 2Page - Texas Instruments INA211CIRSWT Datasheet HTML 3Page - Texas Instruments INA211CIRSWT Datasheet HTML 4Page - Texas Instruments INA211CIRSWT Datasheet HTML 5Page - Texas Instruments INA211CIRSWT Datasheet HTML 6Page - Texas Instruments INA211CIRSWT Datasheet HTML 7Page - Texas Instruments INA211CIRSWT Datasheet HTML 8Page - Texas Instruments INA211CIRSWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437I – MAY 2008 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Options....................................................... 5
6
Pin Configurations and Functions ....................... 5
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information .................................................. 7
7.5
Electrical Characteristics........................................... 7
7.6
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 13
8.1
Overview ................................................................. 13
8.2
Functional Block Diagram ....................................... 13
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 15
9
Application and Implementation ........................ 21
9.1
Application Information............................................ 21
9.2
Typical Applications ................................................ 21
10
Power Supply Recommendations ..................... 24
11
Layout................................................................... 24
11.1
Layout Guidelines ................................................. 24
11.2
Layout Example .................................................... 24
12
Device and Documentation Support ................. 25
12.1
Documentation Support ........................................ 25
12.2
Related Links ........................................................ 25
12.3
Receiving Notification of Documentation Updates 25
12.4
Community Resources.......................................... 25
12.5
Trademarks ........................................................... 25
12.6
Electrostatic Discharge Caution ............................ 25
12.7
Glossary ................................................................ 25
13
Mechanical, Packaging, and Orderable
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (June 2016) to Revision I
Page
•
Deleted all notes regarding preview devices throughout data sheet; all devices now active................................................. 1
Changes from Revision G (July 2014) to Revision H
Page
•
Changed Features section: deleted last bullet, changed packages bullet ............................................................................ 1
•
Deleted last Applications bullet .............................................................................................................................................. 1
•
Changed Description section.................................................................................................................................................. 1
•
Changed Device Information table ........................................................................................................................................ 1
•
Changed Device Options table: added INA211B and INA212B RSW rows, added INA215B rows, and added footnote ..... 5
•
Moved storage temperature to Absolute Maximum Ratings table ........................................................................................ 6
•
Changed ESD Ratings table: changed title, changed format to current standards ............................................................... 6
•
Changed HBM specification for version A and B devices in ESD Ratings table .................................................................. 6
•
Deleted both Machine Model rows from ESD Ratings table ................................................................................................. 6
•
Changed first sentence referencing Equation 1 in Input Filtering section: replaced seen with measured .......................... 15
•
Changed second sentence referencing Equation 1 in Input Filtering section ..................................................................... 16
•
Corrected punctuation and added clarity to first and second paragraphs in Shutting Down the INA210-INA215
Series section ...................................................................................................................................................................... 17
•
Changed impressed to present in fourth paragraph of Shutting Down the INA210-INA215 Series section ........................ 17
Changes from Revision F (June 2014) to Revision G
Page
•
Changed Simplified Schematic: added equation below gain table......................................................................................... 1
•
Changed V(ESD) HBM specifications for version A in Handling Ratings table......................................................................... 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com