Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2-R22J-10 Datasheet(PDF) 4 Page - Superworld Electronics

Part # C2-R22J-10
Description  CERAMIC CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C2-R22J-10 Datasheet(HTML) 4 Page - Superworld Electronics

  C2-R22J-10 Datasheet HTML 1Page - Superworld Electronics C2-R22J-10 Datasheet HTML 2Page - Superworld Electronics C2-R22J-10 Datasheet HTML 3Page - Superworld Electronics C2-R22J-10 Datasheet HTML 4Page - Superworld Electronics C2-R22J-10 Datasheet HTML 5Page - Superworld Electronics C2-R22J-10 Datasheet HTML 6Page - Superworld Electronics C2-R22J-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
30.01.2015
C2 SERIES
CERAMIC CHIP INDUCTORS
8. SOLDERING AND MOUNTING :
repeated, allowable time is the accumulated time.
The excessive soldering conditions may cause the corrosion of the electrode, When soldering is
Products should be soldered within the following allowable range indicated by the slanted line.
Unenough pre-heating may cause cracks on the ferrite, resulting in the deterioration of product quality.
way that the temperature difference is limited to 100° C max.
surface is limited to 150° C max.Also cooling into solvent after soldering should be in such a
Pre-heating should be in such a way that the temperature difference between solder and ferrite
8-1. Reflow soldering conditions
270
260
250
240
230
0
10
2030 4050
60
70
C
B
120 to 180
1 to 5
50 to 150
Heat temperature
Heat time
Slope of temp. rise
A
°C
sec
°C/sec
D
E
Slope of temp. rise
Time over 230° C
Peak temperature
Peak hold time
No. of mounting
255~260
1 to 5
90~120
10 max.
3
sec
times
°C
°C/sec
sec
8-2. Reworking with soldering iron
3seconds max.
150° C, 1 minute
280° C max
Soldering time
Tip temperature
Preheating
Soldering iron output
End of soldering iron
30w max.
Ø3mm max.
Reworking should be limited to only one time.
prevent the crack on the ferrite material due to the thermal shock.
Note:Do not directly touch the products with the tip of the soldering iron in order to
C
D
temperature
A
B
TIME(sec.)
main heating
pre-heating
normal
230° C
180° C
120° C
E
(Melting area of solder)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com