Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2-R22J-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # C2-R22J-10
Description  CERAMIC CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C2-R22J-10 Datasheet(HTML) 6 Page - Superworld Electronics

  C2-R22J-10 Datasheet HTML 1Page - Superworld Electronics C2-R22J-10 Datasheet HTML 2Page - Superworld Electronics C2-R22J-10 Datasheet HTML 3Page - Superworld Electronics C2-R22J-10 Datasheet HTML 4Page - Superworld Electronics C2-R22J-10 Datasheet HTML 5Page - Superworld Electronics C2-R22J-10 Datasheet HTML 6Page - Superworld Electronics C2-R22J-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
30.01.2015
C2 SERIES
CERAMIC CHIP INDUCTORS
9. PACKAGING INFORMATION :
9-1. Reel Dimension Unit:m/m
13.0± 0.5
21.8± 0.8
9-3. Packaging Quantity
9-2. Tape Dimension
A
T
3.50± 0.05
D(mm)
1.85± 0.05
C2
1.03± 0.05
8.00± 0.10
Series
A(mm)
C(mm)
B(mm)
4.00± 0.10
F(mm)
1.75± 0.10
E(mm)
2.00± 0.05
G(mm)
Chip size
Reel
C2
4000 Pcs
W1
W2
Sprocket hole
F
4.00± 0.10
H(mm)
9-4. Leader / Trailer Tape
110mm of more H.W
20 pitch of more
Start
2± 0.5
R1.0
20 Max.
N(mm)
50 Min.
178± 2.0
A(mm)
10± 1.5
W1(mm)
W2(mm)
G
H
Cavity (chip insert)
1.55± 0.05
J(mm)
0.95± 0.05
T(mm)
Unreeling direction
End
400. 560mm
Trailer
Components
Empty compar tments
Leader



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com