Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7573 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7573
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7573 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7573 Datasheet HTML 1Page - Texas Instruments DAC7573 Datasheet HTML 2Page - Texas Instruments DAC7573 Datasheet HTML 3Page - Texas Instruments DAC7573 Datasheet HTML 4Page - Texas Instruments DAC7573 Datasheet HTML 5Page - Texas Instruments DAC7573 Datasheet HTML 6Page - Texas Instruments DAC7573 Datasheet HTML 7Page - Texas Instruments DAC7573 Datasheet HTML 8Page - Texas Instruments DAC7573 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
Resistor
Network
8
18
Data
Buffer A
DAC
Register A
Data
Buffer D
DAC
Register D
DAC A
DAC D
Buffer
Control
Register
Control
Power−Down
Control Logic
VOUTA
VOUTB
VOUTC
VOUTD
VREFL
A0
A1
A2
A3
GND
I2C Block
SCL
SDA
LDAC
VREFH
IOVDD
VDD
DAC7573
SLAS398 – SEPTEMBER 2003
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT,
I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
FEATURES
DESCRIPTION
Micropower Operation: 600 µA at 5 V VDD
The DAC7573 is a low-power, quad channel, 12-bit
Power-On Reset to Zero
buffered voltage output DAC. Its on-chip precision out-
put amplifier allows rail-to-rail output swing to be
+2.7 V to +5.5 V Analog Power Supply
achieved. The DAC7573 utilizes an I2C compatible two
12-Bit Monotonic
wire serial interface supporting high-speed interface
I2C™ Interface Up to 3.4 Mbps
mode with address support of up to sixteen DAC7573s
for a total of 64 channels on the bus.
Data Transmit Capability
On-Chip Output Buffer Amplifier, Rail-to-Rail
The DAC7573 requires an external reference voltage
Operation
to set the output range of the DAC. The DAC7573
Double-Buffered Input Register
incorporates a power-on-reset circuit that ensures that
the DAC output powers up at zero volts and remains
Address Support for up to Sixteen DAC7573s
there until a valid write takes place to the device. The
Synchronous Update Support for up to 64
DAC7573 contains a power-down feature, accessed
Channels
via the internal control register, that reduces the current
Operation From -40
°C to 105°C
consumption of the device to 200 nA at 5 V.
Small 16 Lead TSSOP Package
The low power consumption of this part in normal
operation makes it ideally suited to portable battery
APPLICATIONS
operated equipment. The power consumption is less
Process Control
than 3 mW at VDD=5 V reducing to 1 µW in power-down
mode.
Data Acquisition Systems
The DAC7573 is available in a 16-lead TSSOP pack-
Closed-Loop Servo Control
age.
PC Peripherals
Portable Instrumentation
I2C is a trademark of Philips Corporation.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily in-
clude testing of all parameters.


Similar Part No. - DAC7573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7573 TI-DAC7573 Datasheet
323Kb / 26P
This document contains the following chapters
DAC7573 TI2-DAC7573 Datasheet
923Kb / 36P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
SEPTEMBER 2003
DAC7573 TI2-DAC7573 Datasheet
923Kb / 37P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
SEPTEMBER 2003
DAC7573IPW TI-DAC7573IPW Datasheet
323Kb / 26P
This document contains the following chapters
DAC7573IPW TI1-DAC7573IPW Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8574 TI-DAC8574 Datasheet
949Kb / 1P
QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC5574 TI-DAC5574 Datasheet
519Kb / 30P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
DAC5574 TI1-DAC5574 Datasheet
719Kb / 32P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
DAC7573 TI1-DAC7573_16 Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com