Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF-TA Datasheet(PDF) 1 Page - Copal Electronics

Part # CF-TA
Description  Relow Toggle Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-TA Datasheet(HTML) 1 Page - Copal Electronics

  CF-TA Datasheet HTML 1Page - Copal Electronics CF-TA Datasheet HTML 2Page - Copal Electronics CF-TA Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CF-TA
■
1. Industry s first toggle switch compatible with through-
2. Compatible with pick and place machines.
4. Gold-plated contacts.
RoHS Compliant
■
Rating
Max.
AC/DC 48V 50mA
(Resistive load)
Min.
AC/DC 20mV 1μA
Initial contact resistance
100mΩ max.
(1.5mA 200μ VAC)
Dielectric strength
500VAC 1 minute
Insulation resistance
500mΩ min.
(500VDC)
Electrical life
10,000 cycles at max. rating
Operating temperature range −40℃∼+85℃
Storage temperature range
−40℃∼+85℃
■
■
ON − ON
ON − OFF − ON
ON −(ON)
(ON)− OFF −(ON)
ON− OFF −
(ON)
12
Contact material
Bracket style
Actuator shape
Contact material
2
T
Blank
Gold plated
Taping
Plastic bags
T
Packaging spec
Packaging spec
1 pole
1
CF-TA
D
B 4
Series code
Number of poles
Number of poles
0
Without bracket
With THR bracket
Bracket style
1
B4
Gull wing R/A
A
Standard
L
Lever-Lock
Actuator shape
D
1
Fig.
Fig.
Fig.
Code
Code
Code
Code
E
F
G
H
A
Switching function
Switching function
Terminal style
Terminal style
・
・
●
●


Similar Part No. - CF-TA

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CF-TA-1DB4-A02 COPAL-CF-TA-1DB4-A02 Datasheet
324Kb / 3P
Reflow Toggle Switch
CF-TA-1DB4-A02T COPAL-CF-TA-1DB4-A02T Datasheet
324Kb / 3P
Reflow Toggle Switch
CF-TA-1DB4-A12 COPAL-CF-TA-1DB4-A12 Datasheet
324Kb / 3P
Reflow Toggle Switch
CF-TA-1DB4-A12T COPAL-CF-TA-1DB4-A12T Datasheet
324Kb / 3P
Reflow Toggle Switch
CF-TA-1DB4-L02 COPAL-CF-TA-1DB4-L02 Datasheet
324Kb / 3P
Reflow Toggle Switch
More results

Similar Description - CF-TA

ManufacturerPart #DatasheetDescription
logo
CW Industries
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
TOGGLE SWITCH
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
TOGGLE SWITCH
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
SWITCH - TOGGLE
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
SWITCH - TOGGLE
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
SWITCH - TOGGLE
2TL1-2 HONEYWELL-ACC-2TL1-2 Datasheet
195Kb / 2P
SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
SWITCH-TOGGLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com