Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320LC2403APGS Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320LC2403APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2403APGS Datasheet(HTML) 5 Page - Texas Instruments

  TMS320LC2403APGS Datasheet HTML 1Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 2Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 3Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 4Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 5Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 6Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 7Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 8Page - Texas Instruments TMS320LC2403APGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TMS320x240xA device summary
Note that throughout this data sheet, 240xA is used as a generic name for the LF240xA/LC240xA generation
of devices.
Table 1. Hardware Features of 240xA Devices
FEATURE
LF2407A
LF2406A
LF2403A
LF2402A LC2406A LC2404A LC2403A LC2402A
C2xx DSP Core
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Instruction Cycle
25 ns
25 ns
25 ns
25 ns
25 ns
25 ns
25 ns
25 ns
MIPS (40 MHz)
40 MIPS
40 MIPS
40 MIPS
40 MIPS
40 MIPS
40 MIPS
40 MIPS
40 MIPS
RAM (16 bit word)
Dual-Access
RAM (DARAM)
544
544
544
544
544
544
544
544
RAM (16-bit word)
Single-Access
RAM (SARAM)
2K
2K
512
512
2K
1K
512
—
3.3-V On-chip Flash (16-bit word)
(4 sectors: 4K, 12K, 12K, 4K)
32K
32K
16K
8K
—
—
—
—
On-chip ROM (16-bit word)
—
—
—
—
32K
16K
16K
6K
Code Security for On-Chip Flash/ROM
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Boot ROM
Yes
Yes
Yes
Yes
—
—
—
—
External Memory Interface
Yes
—
—
—
—
—
—
—
Event Managers A and B (EVA and EVB)
EVA,
EVB
EVA,
EVB
EVA
EVA
EVA,
EVB
EVA,
EVB
EVA
EVA
S
General-Purpose (GP) Timers
4
4
2
2
4
4
2
2
S
Compare (CMP)/PWM
12/16
12/16
6/8
6/8
12/16
12/16
6/8
6/8
S
Capture (CAP)/QEP
6/4
6/4
3/2
3/2
6/4
6/4
3/2
3/2
S
Input qualifier circuitry on
PDPINTx, CAPx, QEPx,
XINT1/2, and ADCSOC pins
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
S
Status of PDPINTx pin reflected
in COMCONx register
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Watchdog Timer
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
10-Bit ADC
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
S
Channels
16
16
8
8
16
16
8
8
S
Conversion Time (minimum)
500 ns
500 ns
500 ns
500 ns
500 ns
500 ns
500 ns
500 ns
SPI
Yes
Yes
Yes
—
Yes
Yes
Yes
—
SCI
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
CAN
Yes
Yes
Yes
—
Yes
—
Yes
—
Digital I/O Pins
(Shared)
41
41
21
21
41
41
21
21
External Interrupts
5
5
3
3
5
5
3
3
Supply Voltage
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
Packaging
144-pin
PGE
100-pin
PZ
64-pin
PAG
64-pin
PG
100-pin
PZ
100-pin
PZ
64-pin
PAG
64-pin
PG, PAG
Product Status:
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
PD
PD
PD
PD
PD
PD
PD
Denotes features that are different/new compared to 240x devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com