| Electronic Components Datasheet Search |
|
TMS320LC2403APGS Datasheet(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320LC2403APGS Datasheet(HTML) 57 Page - Texas Instruments |
|
57 / 134 page ![]() TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A DSP CONTROLLERS SPRS145K − JULY 2000 − REVISED AUGUST 2005 57 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 SPI slave mode operation in LF2403A The LF2403A device does not have the SPISTE/IOPC5 pin. (This function is available as an internal signal only.) The following must be done to put the LF2403A SPI in slave mode: 1. Configure SPISTE/IOPC5 signal for GPIO mode by clearing the MCRB.5 bit. 2. Configure SPISTE/IOPC5 signal as an output (by writing a 1 to bit 13 of PCDATDIR) and drive it low (by writing a 0 to bit 5 of PCDATDIR). Note that SPISTE/IOPC5 should not be driven low until after the SPI is configured and taken out of reset. NOTE: The slave SPISTE/IOPC5 signal must not be driven low until after the master and slave SPI modules are configured and taken out of reset. The initialization sequence is as follows: a. The master SPI is configured first and taken out of reset. This ensures that the master SPICLK is initialized to its appropriate level (high or low, depending on the polarity bit) first, before the slave SPI starts accepting clock pulses. b. The slave SPI is configured and taken out of reset. c. The GPIO/SPI pins of the slave is then configured for SPI operation and the SPISTE/IOPC5 signal is driven low. This is done after ensuring the correct level of the master SPICLK signal. One method of doing this would be to read the level of the SPICLK pin through the PCDATDIR register and then deciding on the appropriate course of action. d. SPI transmission may commence now. Transmission of data should not be attempted until both master and slave are configured and the slave SPISTE/IOPC5 signal is driven low. PLL-based clock module The 240xA has an on-chip, PLL-based clock module. This module provides all the necessary clocking signals for the device, as well as control for low-power mode entry. The PLL has a 3-bit ratio control to select different CPU clock rates. See Figure 16 for the PLL Clock Module Block Diagram, Table 9 for clock rates, and Table 10 for the loop filter component values. The PLL-based clock module provides two modes of operation: D Crystal-operation This mode allows the use of an external crystal/resonator to provide the time base to the device. D External clock source operation This mode allows the internal oscillator to be bypassed. The device clocks are generated from an external clock source input on the XTAL1/CLKIN pin. In this case, an external oscillator clock is connected to the XTAL1/CLKIN pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |