Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7115 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7115
Description  32-Tap Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7115 Datasheet(HTML) 1 Page - Copal Electronics

  DP7115 Datasheet HTML 1Page - Copal Electronics DP7115 Datasheet HTML 2Page - Copal Electronics DP7115 Datasheet HTML 3Page - Copal Electronics DP7115 Datasheet HTML 4Page - Copal Electronics DP7115 Datasheet HTML 5Page - Copal Electronics DP7115 Datasheet HTML 6Page - Copal Electronics DP7115 Datasheet HTML 7Page - Copal Electronics DP7115 Datasheet HTML 8Page - Copal Electronics DP7115 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NIDEC COPAL ELECTRONICS CORP.
October, 2010
Rev. 9
1
Publication Order Number:
DP7115/D
DP7115
32-Tap Digital Potentiometer (DP)
Description
The
DP7115
is
a
single
digital
potentiometer
(DP)
designed
as
an
electronic
replacement
for
mechanical
potentiometers and trim pots. Ideal for automated adjustments on high
volume production lines, they are also well suited for applications
where equipment requiring periodic adjustment is either difficult to
access or located in a hazardous or remote environment.
The DP7115 contains a
series resistor array connected
between two terminals RH and RL. An up/down counter and decoder
that are controlled by three input pins, determines which tap is
connected to the wiper, RW. The wiper is always set to the mid point,
tap 15 at power up. The tap position is not stored in memory.
Wiper control of the DP7115 is accomplished with three input
control pins, CS, U/D, and INC. The INC input increments the wiper
in the direction which is determined by the logic state of the U/D input.
The CS input is used to select the device.
The digital potentiometer can be used as a
terminal
resistive
divider
or
as
a
variable
resistor.
DPs bring variability and programmability to a wide variety of
applications including control, parameter adjustments, and signal
processing.
For a pin compatible device that recalls a stored tap position on
power up refer to the DP7114 data sheet.
Features
32 position Linear Taper Potentiometer
Low Power CMOS Technology
Single Supply Operation: 2.5 V
6.0 V
Increment Up/Down Serial Interface
Resistance Values: 10 k , 50 k
and 100 k
Available in SOIC, TSSOP and MSOP and Packages
These Devices are Pb Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Automated Product Calibration
Remote Control Adjustments
Offset, Gain and Zero Control
Tamper proof Calibrations
Contrast, Brightness and Volume Controls
Motor Controls and Feedback Systems
Programmable Analog Functions
PIN CONFIGURATIONS
RH
RW
RL
U/D
INC
VCC
CS
1
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
SOIC 8
MSOP 8
GND
SOIC (V),
MSOP (Z)
TSSOP 8
TSSOP (Y)
(Top Views)
GND
RH
U/D
INC
RW
CS
VCC
RL
1


Similar Part No. - DP7115

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
32-Tap Digital Potentiometers
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
100-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7113 COPAL-DP7113 Datasheet
173Kb / 12P
100-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
More results

Similar Description - DP7115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
32-Tap Digitally Programmable Potentiometer
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
178Kb / 8P
32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Copal Electronics
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
100-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7113 COPAL-DP7113 Datasheet
173Kb / 12P
100-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com