Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7115 Datasheet(PDF) 4 Page - Copal Electronics

Part # DP7115
Description  32-Tap Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7115 Datasheet(HTML) 4 Page - Copal Electronics

  DP7115 Datasheet HTML 1Page - Copal Electronics DP7115 Datasheet HTML 2Page - Copal Electronics DP7115 Datasheet HTML 3Page - Copal Electronics DP7115 Datasheet HTML 4Page - Copal Electronics DP7115 Datasheet HTML 5Page - Copal Electronics DP7115 Datasheet HTML 6Page - Copal Electronics DP7115 Datasheet HTML 7Page - Copal Electronics DP7115 Datasheet HTML 8Page - Copal Electronics DP7115 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DP7115
4
Table 5. DC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V to +6 V unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER SUPPLY
VCC
Operating Voltage Range
2.5
–
6.0
V
ICC1
Supply Current (Increment)
VCC = 6 V, f = 1 MHz, IW = 0
–
–
100
A
VCC = 6 V, f = 250 kHz, IW = 0
–
–
50
A
ISB1 (Note 4)
Supply Current (Standby)
CS = VCC
0.3 V
U/D, INC = VCC
0.3 V or GND
–
0.01
1
A
LOGIC INPUTS
IIH
Input Leakage Current
VIN = VCC
–
–
10
A
IIL
Input Leakage Current
VIN = 0 V
–
–
10
A
VIH1
TTL High Level Input Voltage
4.5 V
VCC
5.5 V
2
–
VCC
V
VIL1
TTL Low Level Input Voltage
0
–
0.8
V
VIH2
CMOS High Level Input Voltage
2.5 V
VCC
6 V
VCC x 0.7
–
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
0.3
–
VCC x 0.2
V
POTENTIOMETER CHARACTERISTICS
RPOT
Potentiometer Resistance
10 Device
10
k
50 Device
50
00 Device
100
Pot. Resistance Tolerance
20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
Resolution
3.2
%
INL
Integral Linearity Error
IW
2 A
0.5
1
LSB
DNL
Differential Linearity Error
IW
2 A
0.25
0.5
LSB
RWI
Wiper Resistance
VCC = 5 V, IW = 1 mA
70
200
VCC = 2.5 V, IW = 1 mA
150
400
IW
Wiper Current
1
mA
TCRPOT
TC of Pot Resistance
50
300
ppm/ C
TCRATIO
Ratiometric TC
20
ppm/ C
VN
Noise
100 kHz / 1 kHz
8/24
nV/ Hz
CH/CL/CW
Potentiometer Capacitances
8/8/25
pF
fc
Frequency Response
Passive Attenuator, 10 k
1.7
MHz
3. This parameter is tested initially and after a design or process change that affects the parameter.
4. Latch up protection is provided for stresses up to 100 mA on address and data pins from 1 V to VCC + 1 V.
5. IW = source or sink.
6. These parameters are periodically sampled and are not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com