Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7140 Datasheet(PDF) 9 Page - Copal Electronics

Part # DP7140
Description  Single Channel 256 Tap
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7140 Datasheet(HTML) 9 Page - Copal Electronics

Back Button DP7140 Datasheet HTML 3Page - Copal Electronics DP7140 Datasheet HTML 4Page - Copal Electronics DP7140 Datasheet HTML 5Page - Copal Electronics DP7140 Datasheet HTML 6Page - Copal Electronics DP7140 Datasheet HTML 7Page - Copal Electronics DP7140 Datasheet HTML 8Page - Copal Electronics DP7140 Datasheet HTML 9Page - Copal Electronics DP7140 Datasheet HTML 10Page - Copal Electronics DP7140 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DP7140
9
Single write to either a volatile or non volatile register. Note that Bit 7 of ACR determines which memory type is being written.
Table 15. SINGLE WRITE
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(9)
Start
Slave
Address
0
R/W
0
ACK
Memory
Address
0
ACK
Write
Data
0
ACK
Stop
A single write to either a volatile or non volatile register. At address 00h bit 7 of ACR determines which memory type is being written.
Table 16. MULTIPLE WRITES
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
Start
Slave
Address
0
R/W
0
ACK
Memory
Address
0
ACK
Write
Data
0
ACK
Write
Data
0
ACK
Stop
Multiple writes are possible only if the starting address is 08h and it should be stopped with the first nonvolatile data byte. If
a nonvolatile write does not end with a STOP procedure the register is not written.
(B) Read data procedure with designated address.
1. Host transfers the start condition
2. Host transfers the device slave address with the write mode R/W bit (0)
3. ACK signal recognition from the device
4. Host transfers the read address
5. ACK signal recognition from the device
6. Host transfers the re start condition
7. Host transfers the slave address with the read mode R/W bit (1).
8. ACK signal recognition from the device
9. The device transfers the read data from the designated address
10. Host transfers ACK signal
11. The (9) & (10) routines above are repeated if needed, and the read address is auto incremented
12. Host transfers ACK H to the device
13. Host transfers the stop condition
Table 17. READ DATA
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
Start
Slave
Address
0
R/W
0
ACK
Memory
Address
0
ACK
Restart
Slave
Address
1
R/W
0
ACK
Read
Data
0
ACK
Read
Data
1
ACK
Stop
(C) Read data procedure without a designated address.
1. Host transfers the start condition
2. Host transfers the device slave address with the read mode R/W bit =1
3. ACK signal recognition from the device. (Host then changes to receiver)
4. The device transfers data from the previous access address +1
5. Host transfers ACK signal
6. The (4) & (5) routines above are repeated if needed
7. Host transfers AC
8. Host transfers the stop condition
Table 18. Read Data w/o Designated Address
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Start
Slave
Address
1
R/W
0
ACK
Read
Data
0
ACK
Read
Data
1
ACK
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com