Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7140 Datasheet(PDF) 6 Page - Copal Electronics

Part # DP7140
Description  Single Channel 256 Tap
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7140 Datasheet(HTML) 6 Page - Copal Electronics

Back Button DP7140 Datasheet HTML 2Page - Copal Electronics DP7140 Datasheet HTML 3Page - Copal Electronics DP7140 Datasheet HTML 4Page - Copal Electronics DP7140 Datasheet HTML 5Page - Copal Electronics DP7140 Datasheet HTML 6Page - Copal Electronics DP7140 Datasheet HTML 7Page - Copal Electronics DP7140 Datasheet HTML 8Page - Copal Electronics DP7140 Datasheet HTML 9Page - Copal Electronics DP7140 Datasheet HTML 10Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DP7140
6
Device Operation
The DP7140 is a resistor array integrated with a I2C
serial interface logic, an 8 bit volatile wiper register, and six
8 bit, non volatile memory data registers. The resistor
array contains 255 separate resistive elements connected in
series. The physical ends of the array are equivalent to the
fixed terminals of a mechanical potentiometer (RH and RL).
The tap positions between and at the ends of the series
resistors are connected to the output wiper terminal (RW) by
CMOS transistor switches. Only one tap point for the
potentiometer is connected to the wiper terminal at a time
and is determined by the value of an 8 bit Wiper Register
(WR).
RH
RW
RL
FFh
FEh
80h
01h
00h
When power is first applied to DP7140 the wiper is set
to midscale; Wiper Register = 80h. When the power supply
becomes sufficient to read the non volatile memory the
value stored in the Initial Value Register (IVR) is transferred
into the Wiper Register and the wiper moves to this new
position. Five additional 8 bit non volatile memory data
registers are provided for general purpose data storage. Data
can be read or written to the volatile or the non volatile
memory data registers via the I2C bus.
Serial Bus Protocol
The following defines the features of the 2 wire bus
protocol:
1. Data transfer may be initiated only when the bus is
not busy.
2. During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock is high
will be interpreted as a START or STOP condition.
The device controlling the transfer is a master, typically a
processor or controller, and the device being controlled is the
slave. The master will always initiate data transfers and
provide the clock for both transmit and receive operations.
Therefore, the DP7140 will be considered a slave device
in all applications.
START Condition
The START condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of SDA
when SCL is HIGH. The DP7140 monitors the SDA and
SCL lines and will not respond until this condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
Device Addressing
The bus Master begins a transmission by sending a
START condition. The Master then sends the address of the
particular slave device it is requesting. DP7140 has a fixed
7 bit slave address: 0101000. The 8th bit (LSB) is the
Read/Write instruction bit. For a Read the value is “1” and
for Write the value is “0”.
After the Master sends a START condition and the slave
address byte, the DP7140 monitors the bus and responds
with an acknowledge (on the SDA line) when its address
matches the transmitted slave address.
Table 12. SALVE ADDRESS BIT FORMAT
B
S
L
B
S
M
0
1
0
1
0
0
0
R/W
Acknowledge (ACK)
After a successful data transfer, each receiving device is
required to generate an acknowledge. The Acknowledging
device pulls down the SDA line during the ninth clock cycle,
signaling that it received the 8 bits of data.
DP7140 responds with an acknowledge after receiving
a START condition and its slave address. If the device has
been selected along with a write operation, it responds with
an acknowledge after receiving each 8 bit byte. When the
DP7140 is in a READ mode it transmits 8 bits of data,
releases the SDA line, and monitors the line for an
acknowledge. Once it receives this acknowledge, the
DP7140 will continue to transmit data. If no acknowledge
is sent by the Master, the device terminates data transmission
and waits for a STOP condition.
WRITE Operation
In the Write mode, the Master device sends the START
condition and the slave address information to the Slave
device. In
s case the slave address also contains a
Read/Write command (R/W) on the last bit of the 1st byte.
After receiving an acknowledge from the Slave, the Master
device transmits a second byte containing a Memory
Address to select an available register. After a second
acknowledge is received from the Slave, the Master device
sends the data to be written into the selected register. The
DP7140 acknowledges once more and the Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com