Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYP-0201MB Datasheet(PDF) 1 Page - Copal Electronics

Part # CYP-0201MB
Description  PIANO SWITCHES (FULL PITCH)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CYP-0201MB Datasheet(HTML) 1 Page - Copal Electronics

  CYP-0201MB Datasheet HTML 1Page - Copal Electronics CYP-0201MB Datasheet HTML 2Page - Copal Electronics CYP-0201MB Datasheet HTML 3Page - Copal Electronics CYP-0201MB Datasheet HTML 4Page - Copal Electronics CYP-0201MB Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
O Low profile design of 5 mm
O Excellent contact stability by twin gold-plated contact
O Washable type available by seal tape
O RoHS compliant
O Fine click action
Part name
Cover
Lever
Base
Slider contact
Fixed contact
Terminal pin
Material
Flammability
UL94V-0
Polyamide
Copper alloy, Gold-plated
INTERNAL STRUCTURE
O OA equipments, communication devices
O Measurement equipment, FA equipment
APPLICATIONS
PIANO SWITCHES (FULL PITCH)
CYP
PART NUMBER DESIGNATION
※ Please refer to the LIST OF PART NUMBERS when placing orders.
C Y P - 0 8 0 1 T B
Series name
No. of bits
022 bits
044 bits
066 bits
088 bits
1010 bits
ON direction
0Upper
1Lower
Form of packaging
T Taping (Reel)
MMagazine
BGull wing
CThrough hole pin
Shape of terminal
Structure
0Flat lever (With seal tape)
1Flat lever (Without seal tape)
2Convex lever (Without seal tape)
RoHS compliant


Similar Part No. - CYP-0201MB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0101 CYPRESS-CYP15G0101 Datasheet
457Kb / 39P
Single-channel HOTLink Transceiver
CYP15G0101DXA CYPRESS-CYP15G0101DXA Datasheet
510Kb / 40P
Single Channel HOTLink II Transceiver
CYP15G0101DXA-BBC CYPRESS-CYP15G0101DXA-BBC Datasheet
510Kb / 40P
Single Channel HOTLink II Transceiver
CYP15G0101DXA-BBI CYPRESS-CYP15G0101DXA-BBI Datasheet
510Kb / 40P
Single Channel HOTLink II Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
457Kb / 39P
Single-channel HOTLink Transceiver
More results

Similar Description - CYP-0201MB

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
SLIDE&PIANO TYPE DIP SWITCHES
logo
E-SWITCH
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
PIANO DIP SWITCHES
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
PIANO DIP SWITCHES
logo
List of Unclassifed Man...
CHP-040TB ETC2-CHP-040TB Datasheet
199Kb / 6P
PIANO SWITCHES(HALF PITCH)
MCEPM-02 ETC2-MCEPM-02 Datasheet
229Kb / 6P
Dual In Line Switches - Piano Type
logo
Copal Electronics
CFP COPAL-CFP Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFS COPAL-CFS Datasheet
502Kb / 7P
SLIDE SWITCHES (FULL PITCH)
CHP COPAL-CHP Datasheet
960Kb / 6P
PIANO SWITCHES (HALF PITCH)
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6FR OMRON-A6FR Datasheet
138Kb / 2P
Box type Through-hole Mounting Piano DIP Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com