Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYP-0201MB Datasheet(PDF) 2 Page - Copal Electronics

Part # CYP-0201MB
Description  PIANO SWITCHES (FULL PITCH)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CYP-0201MB Datasheet(HTML) 2 Page - Copal Electronics

  CYP-0201MB Datasheet HTML 1Page - Copal Electronics CYP-0201MB Datasheet HTML 2Page - Copal Electronics CYP-0201MB Datasheet HTML 3Page - Copal Electronics CYP-0201MB Datasheet HTML 4Page - Copal Electronics CYP-0201MB Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Pieces in package
CYP-0201TB
CYP-0202TB
CYP-0200TB
   
CYP-0201MB
CYP-0201MC
CYP-0202MB
CYP-0202MC
CYP-0200MB
CYP-0200MC
70 pcs./stick
CYP-0211TB
CYP-0212TB
CYP-0210TB
700 pcs./reel
CYP-0211MB
CYP-0211MC
CYP-0212MB
CYP-0212MC
CYP-0210MB
CYP-0210MC
70 pcs./stick
CYP-0401TB
CYP-0402TB
CYP-0400TB
700 pcs./reel
CYP-0401MB
CYP-0401MC
CYP-0402MB
CYP-0402MC
CYP-0400MB
CYP-0400MC
40 pcs./stick
CYP-0411TB
CYP-0412TB
CYP-0410TB
700 pcs./reel
CYP-0411MB
CYP-0411MC
CYP-0412MB
CYP-0412MC
CYP-0410MB
CYP-0410MC
40 pcs./stick
CYP-0601TB
CYP-0602TB
CYP-0600TB
700 pcs./reel
CYP-0601MB
CYP-0601MC
CYP-0602MB
CYP-0602MC
CYP-0600MB
CYP-0600MC
28 pcs./stick
CYP-0611TB
CYP-0612TB
CYP-0610TB
700 pcs./reel
CYP-0611MB
CYP-0611MC
CYP-0612MB
CYP-0612MC
CYP-0610MB
CYP-0610MC
28 pcs./stick
CYP-0801TB
CYP-0802TB
CYP-0800TB
700 pcs./reel
CYP-0801MB
CYP-0801MC
CYP-0802MB
CYP-0802MC
CYP-0800MB
CYP-0800MC
20 pcs./stick
CYP-0811TB
CYP-0812TB
CYP-0810TB
700 pcs./reel
CYP-0811MB
CYP-0811MC
CYP-0812MB
CYP-0812MC
CYP-0810MB
CYP-0810MC
20 pcs./stick
CYP-1001TB
CYP-1002TB
CYP-1000TB
700 pcs./reel
CYP-1001MB
CYP-1001MC
CYP-1002MB
CYP-1002MC
CYP-1000MB
CYP-1000MC
16 pcs./stick
CYP-1011TB
CYP-1012TB
CYP-1010TB
700 pcs./reel
CYP-1011MB
CYP-1011MC
CYP-1012MB
CYP-1012MC
CYP-1010MB
CYP-1010MC
16 pcs./stick
CYP
PIANO SWITCHES (FULL PITCH)
STANDARD SPECIFICATIONS
Operating temp. range
Storage temp. range
Sealing
Net weight
− 40 ~ 85 °C
Washable type available with seal tape
0212B : 0.28 g, 0412B : 0.50 g
0612B : 0.73 g, 0812B : 0.97g
1012B : 1.16 g
Operation force
Stop strength
Solderability
Soldering heat
Shear (Adhesion)
Substrate bending
Pull-off strength
0.3 ~ 5 N {0.03 ~ 0.51 kgf} maximum
8 N {0.82 kgf} 60 s
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10 s
MECHANICAL CHARACTERISTICS
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC6 V, 100 mA DC24 V, 25 mA
DC20 mV 1
μA
100 m
Ω maximum
1000 M
Ω (DC100 V) minimum
AC500 V, 60 s
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
(Amplitude) 1.5 mm or (Acceleration) 98 m/s
2,
10-500 Hz, 3 directions for 10 cycles each
490 m/s
2, 11 ms, 6 directions for 3 times each
Continuous load 500 cycles,
DC6
± 0.5 V, 100 ± 10 mA
−10 ~ 65 °C, Relative humidity 0 ~ 96 %,
24 h for 10 cycles
85 °C, 96 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles
ELECTRICAL CHARACTERISTICS
ENVIRONMENTAL CHARACTERISTICS
{ } : Reference only
Flow
:260
± 3 °C, 5 ~ 6 s, two times maximum
Reflow
:255 °C (Peak temperature)
Please refer to the profile below
Manual soldering
:350
± 10 °C, 3 ~ 4 s
LIST OF PART NUMBERS
Flat lever (Without seal tape)
B
(Gull wing)
C
(Through hole pins)
Convex lever (Without seal tape)
B
(Gull wing)
C
(Through hole pins)
Flat lever (With seal tape)
B
(Gull wing)
C
(Through hole pins)
No. of bits ON direction
Structure
Form of packaging
2
4
6
8
10
Upper
Taping
Magazine
Taping
Magazine
Lower
Upper
Taping
Magazine
Taping
Magazine
Lower
Upper
Taping
Magazine
Taping
Magazine
Lower
Upper
Taping
Magazine
Taping
Magazine
Lower
Upper
Taping
Magazine
Taping
Magazine
Lower
700 pcs./reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com