Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6001 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA6001
Description  Highly integrated power and Clock supply IC for new
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6001 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA6001 Datasheet HTML 1Page - Dialog Semiconductor DA6001 Datasheet HTML 2Page - Dialog Semiconductor DA6001 Datasheet HTML 3Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dialog-semiconductor.com
Functions
► IMVP compliant core voltage buck converter
► 3 high efficient buck converter for internal/
external memory and high current voltage
domains
► 6 high performance LDOs
► Push-pull LDO for DDR2 address termination
► 2 channel ADC
► Clock synthesizer/driver according CK610
specification
► Integrate state-machine for start-up, power
down and platform state transitions
► 5V Charge pump
► SM Bus control interface
► Full Intel Atom platform control interface
► Control interface for external power up/down,
buck synchronization and wake up features
Features
► Complete power management, power supply
as well as clock synthesizer/driver in one chip
► Supports Intel Atom processor Z5xx series and
Intel System Controller Hub
► Supplies external DDR2 RAM and Firmware
Hub
► Only one single supply voltage necessary
► Designed for automotive ambient temperature
range of -40 +85°C
Clock Supplies
A further feature of the DA6001 is the clock supply for the Intel® Atom™ platform. Three fractional
division featured PLL’s including spread spectrum capability are included, driving with low-power
push-pull amplifiers the platform according to Intel’s CK610 specification. The reference clock for
the PLL’s is generated via a standard 14.31818MHz crystal oscillator.
Operating conditions
The DA6001 is designed for the automotive ambient temperature range of -40 .. +85°C. The die
temperature and the output currents of each power source will be monitored to ensure proper and
safe operation at any condition. The DA6001 will be qualified on the basis of AEC-Q100.
Auxillary function
An Analog to digital converter (ADC) with 10bit resolution, combined with an input multiplexer and
track and hold circuitry will be implemented. 2 inputs can be used to measure signals manually or
automatically.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com