Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6001 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # DA6001
Description  Highly integrated power and Clock supply IC for new
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6001 Datasheet(HTML) 3 Page - Dialog Semiconductor

  DA6001 Datasheet HTML 1Page - Dialog Semiconductor DA6001 Datasheet HTML 2Page - Dialog Semiconductor DA6001 Datasheet HTML 3Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
This publication provides outline information only, which unless agreed by Dialog Semiconductor may not
be used, applied or reproduced for any purpose, or be regarded as a representation relating to products.
Please refer to Dialog standard supply terms on the company website (www.dialog-semiconductor.com).
© Dialog Semiconductor 2015. All rights reserved. 0415XXX
United Kingdom
Phone: +44 1793 757700
Germany
Phone: +49 7021 805-0
Dialog Semiconductor Worldwide Sales Offices - www.dialog-semiconductor.com
email: info@diasemi.com
The Netherlands
Phone: +31 73 640 88 22
North America
Phone: +1 408 845 8500
Japan
Phone: +81 3 5425 4567
Taiwan
Phone: +886 281 786 222
Singapore
Phone: +65 648 499 29
Hong Kong
Phone: +852 3769 5200
Korea
Phone: +82 2 3469 8200
China (Shenzhen)
Phone: +86 755 2981 3669
China (Shanghai)
Phone: +86 21 5424 9058
5
VCC_CORE
VCC_Q
VCC_P
V3P3_RTC
V3P3A
V1P5A
VTT
VTT_REF
VCC_INT
VCCLP
2
21
DA6001
JTAG
Oscillator &
3x PLLs
Buck Controllers
LDOs
SMBUS
Processor &
IO-Hub IF
Power
Sequencer &
System
control
Block Diagram
Applications
► Infotainment/Navigation systems
► Netbooks
► Nettops
► UMPCs
► MIDs
► Industrial PCs
► High end PNDs
Package
► 144 VFBGA 10mm x10mm
► 0.8mm pitch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com