Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPR
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS82740ASIPR Datasheet HTML 8Page - Texas Instruments TPS82740ASIPR Datasheet HTML 9Page - Texas Instruments TPS82740ASIPR Datasheet HTML 10Page - Texas Instruments TPS82740ASIPR Datasheet HTML 11Page - Texas Instruments TPS82740ASIPR Datasheet HTML 12Page - Texas Instruments TPS82740ASIPR Datasheet HTML 13Page - Texas Instruments TPS82740ASIPR Datasheet HTML 14Page - Texas Instruments TPS82740ASIPR Datasheet HTML 15Page - Texas Instruments TPS82740ASIPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
V = 3.6V
V
= 2.6V
I
= 0mA
I
= 0mA
C
= 10 F
IN
OUT
OUT
LOAD
LOAD
m
controlled
slew rate
V
discharged
LOAD
V ramp up/down
0V to 5V in 150ms
V
= 1.8V
IN
OUT
R
= 50
CTRL = GND
OUT
W
V
= 3.6V
V
= V
= 1.8 V
I
= 0 to 50mA
I
= 0mA
CTRL = V
IN
OUT
LOAD
LOAD
OUT
IN
V
= 3.6V
V
= V
= 2.6V
I
= 0 to 50mA
I
= 0mA
CTRL = V
IN
OUT
LOAD
LOAD
OUT
IN
V
= 3.6V
V
= 1.8V
I
= 50 A to 200mA
CTRL = GND
IN
OUT
OUT
m
V
= 3.6V
V
= 2.6V
I
= 50 A to 200mA
CTRL = GND
IN
OUT
OUT
m
TPS82740A, TPS82740B
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
www.ti.com
Typical Characteristics (continued)
Figure 31. TPS82740A AC Load Sweep VOUT = 1.8V
Figure 32. TPS82740B AC Load Sweep VOUT = 2.6V
Figure 33. TPS82740A Load Step at LOAD Output
Figure 34. TPS82740B Load Step at LOAD Output
Figure 35. TPS82740B Load Output ON / OFF
Figure 36. TPS82740A Input Voltage Ramp Up / Down
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com