Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPR
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS82740ASIPR Datasheet HTML 9Page - Texas Instruments TPS82740ASIPR Datasheet HTML 10Page - Texas Instruments TPS82740ASIPR Datasheet HTML 11Page - Texas Instruments TPS82740ASIPR Datasheet HTML 12Page - Texas Instruments TPS82740ASIPR Datasheet HTML 13Page - Texas Instruments TPS82740ASIPR Datasheet HTML 14Page - Texas Instruments TPS82740ASIPR Datasheet HTML 15Page - Texas Instruments TPS82740ASIPR Datasheet HTML 16Page - Texas Instruments TPS82740ASIPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
V ramp up/down
2.8V to 3.7V
V
= 3.0V
IN
OUT
R
= 50
CTRL = GND
OUT
W
High side MOSFET turned on
/ Enter
100% Mode
Exit
V ramp up/down
0V to 5V in 150ms
V
= 2.6V
IN
OUT
R
= 50
CTRL = GND
OUT
W
High side MOS-FET turned on
100% mode operation
V ramp up/down
0V to 5V in 150ms
V
= 3.3V
IN
OUT
R
= 50
CTRL = GND
OUT
W
High side MOS-FET turned on
100% mode operation
TPS82740A, TPS82740B
www.ti.com
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
Typical Characteristics (continued)
Figure 37. TPS82740B Input Voltage Ramp Up / Down
Figure 38. TPS82740B Input Voltage Ramp Up / Down
Figure 39. TPS82740B Enter / Exit 100% Mode Operation
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com