Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0101CS Datasheet(PDF) 33 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 33 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 29Page - ON Semiconductor AP0101CS Datasheet HTML 30Page - ON Semiconductor AP0101CS Datasheet HTML 31Page - ON Semiconductor AP0101CS Datasheet HTML 32Page - ON Semiconductor AP0101CS Datasheet HTML 33Page - ON Semiconductor AP0101CS Datasheet HTML 34Page - ON Semiconductor AP0101CS Datasheet HTML 35Page - ON Semiconductor AP0101CS Datasheet HTML 36Page - ON Semiconductor AP0101CS Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
33
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Usage Modes
Device Configuration and Usage Modes
After power is applied and the device is out of reset (either the power on reset, hard or
soft reset), it will enter a boot sequence to configure its operating mode. There are essen-
tially three configuration modes: Flash/EEPROM Config, Auto Config, and Host Config.
The AP0101CS firmware supports a System Configuration phase at start-up. This
consists of four sub-phases of execution:
1. Flash detection, then one of:
a. Flash Config
b. Auto Config
c. Host Config
The System Configuration phase is entered immediately following power-up or reset.
Then the firmware performs Flash Detection.
Flash Detection attempts to detect the presence of an SPI Flash or EEPROM device:
• If no device is detected, the firmware then samples the SPI_SDI pin state to determine
the next mode:
– If SPI_SDI is low, then it enters the Host-Config mode.
– If SPI_SDI is high, then it enters the Auto-Config mode.
• If a device is detected, the firmware switches to the Flash-Config mode.
In the Flash-Config mode, the firmware interrogates the device to determine if it
contains valid configuration records:
• If no records are detected, then the firmware enters the Auto-Config mode.
• If records are detected, the firmware processes them. By default, when all Flash
records are processed the firmware switches to the Host-Config mode. However, the
records encoded into the Flash can optionally be used to instruct the firmware to
proceed to auto-config, or to start streaming (via a Change-Config).
In the Host-Config mode, the firmware performs no configuration, and remains idle
waiting for configuration and commands from the host. The System Configuration
phase is effectively complete and the AP0101CS will take no actions until the host issues
commands.
In the Auto-Config mode, the part will start streaming with the default settings.
Usage Modes
How a camera based on the AP0101CSwill be configured depends on what features are
used. In the simplest case, an AP0101AT operating in Auto-Config mode with no custom-
ized settings might be sufficient.
In the simplest case no EEPROM or Flash memory or µC is required, as shown in
Figure 22.
Figure 22:
Auto-Config Mode
Digital Out
Auto-Config Mode
AP0101CS + image sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com