Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0101CS Datasheet(PDF) 36 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 36 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 32Page - ON Semiconductor AP0101CS Datasheet HTML 33Page - ON Semiconductor AP0101CS Datasheet HTML 34Page - ON Semiconductor AP0101CS Datasheet HTML 35Page - ON Semiconductor AP0101CS Datasheet HTML 36Page - ON Semiconductor AP0101CS Datasheet HTML 37Page - ON Semiconductor AP0101CS Datasheet HTML 38Page - ON Semiconductor AP0101CS Datasheet HTML 39Page - ON Semiconductor AP0101CS Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
36
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Electrical Specifications
Figure 26:
Parallel Digital Output I/O Timing
Notes:
1. VIH/VIL restrictions apply.
2. This is applicable only a when the PLL is bypassed. When the PLL is being used then the user should
ensure that VIH/VIL is met.
Table 20:
AC Electrical Characteristics (Referring to Figure 26)
Default Setup Conditions: fEXTCLK= 27 MHz, fPIXCLK = 74.125 MHz or fPIXCLK = 84 MHz, VDDIO_H = VDD_OTPM = 2.8V,
VDD_REG = VDDIO_S = 1.8V, TA = 25°C unless otherwise stated
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
fEXTCLK
External clock frequency
6
30
MHz
1
tR
External input clock rise time
10%-90% VDDIO_H
2
5
ns
2
tF
External input clock fall time
90%-10% VDDIO_H
2
5
ns
2
DEXTCLK External input clock duty cycle
40
50
60
%
tJITTER
External input clock jitter
500
ps
fPIXCLK
Pixel clock frequency (one-clock/pixel)
6
74.25
MHz
Pixel clock frequency (two-clocks/pixel)
6
84
MHz
tRPIXCLK Pixel clock rise time (10 - 90%)
CLOAD=35pf
3
5
ns
tFPIXCLK Pixel clock fall time (10 - 90%)
CLOAD=35pf
3
5
ns
tPD
PIXCLK to data valid
3
5
ns
tPFH
PIXCLK to FV HIGH
3
5
ns
tPLH
PIXCLK to LV HIGH
3
5
ns
tPFL
PIXCLK to FV LOW
3
5
ns
tPLL
PIXCLK to LV LOW
3
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com