Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 43 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3-Inch CMOS Digital Image Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 43 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 39Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 40Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 41Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 42Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 43Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 44Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 45Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 46Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
43
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Electrical Specifications
Notes:
1. Analog – VAA + VAA_PIX + VDD_PLL
2. Digital – VDD + VDD_IO + VDD_SLVS
Figure 30:
Power Supply Rejection Ratio
Table 18:
Standby Current Consumption
Definition
Condition
Symbol
Min
Typ
Max
Unit
Hard standby (clock off)
Analog, 2.8V
-
–
70
200
ì A
Digital, 1.8V
-
–
640
900
ì A
Hard standby (clock on)
Analog, 2.8V
-
–
275
–
ì A
Digital, 1.8V
-
–
1.55
–
mA
Soft standby (clock off)
Analog, 2.8V
-
–
70
200
ì A
Digital, 1.8V
-
–
640
900
ì A
Soft standby (clock on)
Analog, 2.8V
-
–
275
–
ì A
Digital, 1.8V
-
–
1.55
–
mA
0
10
20
30
40
50
60
70
1000
10000
100000
1000000
P
SR
R
 (
d
B
)
Frequency (Hz)
Power Supply Rejection Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com