Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 42 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3-Inch CMOS Digital Image Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 42 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 38Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 39Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 40Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 41Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 42Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 43Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 44Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 45Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
42
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Electrical Specifications
Caution
Stresses greater than those listed in Table 16 may cause permanent damage to the device.
This is a stress rating only, and functional operation of the device at these or any other con-
ditions above those indicated in the operational sections of this specification is not implied.
Notes:
1. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. To keep dark current and shot noise artifacts from impacting image quality, keep operating tem-
perature at a minimum.
Notes:
1. Operating currents are measured at the following conditions:
VAA=VAA_PIX=VDD_IO=VDD_PLL=2.8V
VDD=1.8V
PLL Enabled and PIXCLK=74.25MHz
TA = 25°C
Table 16:
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
VSUPPLY
Power supply voltage (VDD and VAA
supplies)
–0.3
4.5
V
ISUPPLY
Total power supply current
–
200
mA
IGND
Total ground current
–
200
mA
VIN
DC input voltage
–0.3
VDD_IO + 0.3
V
VOUT
DC output voltage
–0.3
VDD_IO + 0.3
V
TSTG1
Storage temperature
–40
+85
°C
Table 17:
Operating Current Consumption in Parallel Output
Definition
Condition
Symbol
Min
Typ
Max
Unit
Digital operating current
Streaming, 1280x960 45fps
IDD1
–
40
65
mA
I/O digital operating current
Streaming, 1280x960 45fps
IDD_IO
–35–
mA
Analog operating current
Streaming, 1280x960 45fps
IAA
–30
55
mA
Pixel supply current
Streaming, 1280x960 45fps
IAA_PIX
–
10
15
mA
PLL supply current
Streaming, 1280x960 45fps
IDD_PLL
–
7
–
mA
Digital operating current
Streaming, 720p 60fps
IDD1
–40–
mA
I/O digital operating current
Streaming, 720p 60fps
IDD_IO
-
35
–
mA
Analog operating current
Streaming, 720p 60fps
IAA
–30–
mA
Pixel supply current
Streaming, 720p 60fps
IAA_PIX
–
10
15
mA
PLL supply current
Streaming, 720p 60fps
IDD_PLL
–
7
–
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com