| Electronic Components Datasheet Search |
|
AR0230CS Datasheet(PDF) 15 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0230CS Datasheet(HTML) 15 Page - ON Semiconductor |
|
15 / 33 page ![]() AR0230CS/D Rev. 9, 6/16 EN 15 ©Semiconductor Components Industries, LLC,2016. AR0230CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor Features Overview Table 4: List of Configurable Registers for Context A and Context B Motion Compensation/DLO In typical multi-exposure HDR systems, motion artifacts can be created when objects move during the T1 or T2 integration time. When this happens, edge artifacts can poten- tially be visible and might look like a ghosting effect. To correct this, the AR0230CS has special 2D motion compensation circuitry that detects motion artifacts and corrects the image. The motion compensation feature can be optionally enabled by register write. Additional parameters are available to control the extent of motion detection and correction as per the requirements of the specific application. Tone Mapping Real-world scenes often have a very high dynamic range (HDR) that far exceeds the elec- trical dynamic range of the imager. Dynamic range is defined as the luminance ratio between the brightest and the darkest objects in a scene. Even though the AR0230CS can capture full dynamic range images, the images are still limited by the low dynamic range of display devices. Today's typical LCD monitor has a contrast ratio around 1,000:1 while it is not atypical for an HDR image having a contrast ratio of around 250,000:1. There- fore, in order to reproduce HDR images on a low dynamic range display device, the captured high dynamic range must be compressed to the available range of the display device. This is commonly called tone mapping. The AR0230CS has implemented an adaptive local tone mapping (ALTM) feature to reproduce visually appealing images that increase the local contrast and the visibility of the images. Context A Context B Register Description Register Description coarse_integration_time coarse_integration_time_cb line_length_pck line_length_pck_cb frame_length_lines frame_length_lines_cb row_bin row_bin_cb col_bin col_bin_cb fine_gain fine_gain_cb coarse_gain coarse_gain_cb x_addr_start x_addr_start_cb y_addr_start y_addr_start_cb x_addr_end x_addr_end_cb y_addr_end y_addr_end_cb y_odd_inc y_odd_inc_cb x_odd_inc x_odd_inc_cb green1_gain green1_gain_cb blue_gain blue_gain_cb red_gain red_gain_cb green2_gain green2_gain_cb global_gain global_gain_cb operation_mode_ctrl operation_mode_ctrl_cb bypass_pix_comb bypass_pix_comb_cb |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |