Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0230CS Datasheet(PDF) 27 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 27 Page - ON Semiconductor

Back Button AR0230CS Datasheet HTML 23Page - ON Semiconductor AR0230CS Datasheet HTML 24Page - ON Semiconductor AR0230CS Datasheet HTML 25Page - ON Semiconductor AR0230CS Datasheet HTML 26Page - ON Semiconductor AR0230CS Datasheet HTML 27Page - ON Semiconductor AR0230CS Datasheet HTML 28Page - ON Semiconductor AR0230CS Datasheet HTML 29Page - ON Semiconductor AR0230CS Datasheet HTML 30Page - ON Semiconductor AR0230CS Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AR0230CS/D Rev. 9, 6/16 EN
27
©Semiconductor Components Industries, LLC,2016.
AR0230CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Electrical Specifications
Note:
Operating currents are measured in mA at the following conditions:
- VAA = VAA_PIX = VDD_PLL =2.8 V
- VDD = VDD_IO = VDD_SLVS= 1.8 V
- PLL Enabled and PIXCLK = 74.25 MHz
- 4-lane HiSPi mode
- Low power mode enabled
- TA = 25°C
Note:
Operating currents are measured in mA at the following conditions:
- VAA = VAA_PIX = VDD_PLL =2.8 V
- VDD = VDD_IO= 1.8 V
- VDD_SLVS= 0.4V
- PLL Enabled and PIXCLK = 74.25 MHz
- 4-lane HiSPi mode
- TA= 25°C
Table 16:
1080p30 Linear 74 MHz HiSPi HiVcm
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Digital Operating Current
Streaming 1080p30
IDD
1.8
75
115
155
Analog Operating Current
Streaming 1080p30
IAA
2.8
203050
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3
7
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
6
7.4
8.5
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
1.8
10
20
30
Power (mW)
228.6
356.12
516.4
Table 17:
Line Interleaved HiSPi SLVS
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Digital Operating Current
Streaming 1080p30
IDD
1.8
185
230
265
Analog Operating Current
Streaming 1080p30
IAA
2.8
20
36
55
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3.3
7
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
7
8.2
9.5
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
0.4
3
9
14
Power (mW)
412.6
550.6
668.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com