Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW3614 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # IW3614
Description  AC/DC Digital Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3614 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button IW3614 Datasheet HTML 9Page - Dialog Semiconductor IW3614 Datasheet HTML 10Page - Dialog Semiconductor IW3614 Datasheet HTML 11Page - Dialog Semiconductor IW3614 Datasheet HTML 12Page - Dialog Semiconductor IW3614 Datasheet HTML 13Page - Dialog Semiconductor IW3614 Datasheet HTML 14Page - Dialog Semiconductor IW3614 Datasheet HTML 15Page - Dialog Semiconductor IW3614 Datasheet HTML 16Page - Dialog Semiconductor IW3614 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Rev. 0.7
iW3614
Page 13
PReliminaRy
iW3614
AC/DC Digital Power Controller for
High Power Factor Dimmable LED Drivers
9.11 PCL, OC and SRS Protection
Peak-current limit (PCL), over-current protection (OCP) and
sense-resistor short protection (SRSP) are features built-
in to the iW3614. With the I
SENSE pin the iW3614 is able to
monitor the primary peak current. This allows for cycle by
cycle peak current control and limit. When the primary peak
current multiplied by the I
SENSE sense resistor is greater than
V
OCP over-current protection engages and the IC immediately
turns off the gate drive until the next cycle. The output driver
continues to send out switching pulses, but the IC will
immediately turn off the gate drive if the OCP threshold is
reached again.
If the I
SENSE sense resistor is shorted there is a potential
danger of the over-current condition not being detected.
Thus the IC is designed to detect this sense-resistor-short
fault after the start-up, and shutdown immediately. The V
CC
will be discharged since the IC remains biased. In order
to prevent overcharging the output voltage, the iW3614
employs an extended discharge time before restart, similar
to the discharge time described in section 9.10.
9.12 Over Temperature Protection
If an NTC thermistor is connected from the V
T pin to GND
then, the iW3614 is able to detect and protect against an
over temperature event (OTP).
The iW3614 provides a current (I
VT) to the VT pin and detects
the voltage on the pin. Based on this voltage the iW3614
can monitor the temperature on the NTC thermistor. As the
V
T pin voltage reduces, the iW3614 reduces the amount of
chopping and the output current according to Figure 9.12.
There is a hysteresis of 84 mV on V
T pin voltage for each
power limiting step.
VT Pin Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
VT Pin Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
a) V
T from 1.0 V to 0.0 V
b) V
T from 0.0 V to 1.0 V
Figure 9.12 : V
T Pin Voltage vs. % of Nominal Output Current
V
T from 1.0V to 0.0V
VT Pin Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
Figure 9.13 : V
T Pin Voltage vs. % of Nominal Output Current
V
T from 0.0V to 1.0V
When the V
T pin voltage reaches VP-LIM(HI) the output current
begins to reduce as shown in Figure 9.12. At V
P-LIM(LO) the
output current reduces to 1%. The device can be placed
in shutdown mode by pulling the V
T pin to ground or below
V
SH-TH.
9.13 Thermal Design
The iW3614 is typically installed inside a small enclosure,
where space and air volumes are constrained. Under these
circumstances θ
JA (thermal resistance, junction to ambient)
measurements do not provide useful information for this
type of application. Instead we have provided ψ
JB which
estimates the increase in die junction temperature relative to
the PCB surface temperature. Figure 9.14 shows the PCB
surface temperature is measured at the IC’s GND pin pad.
GND pin
Thermal Vias
Connect top thermal pad
to bottom copper
Thermal Epoxy
Artic Silver
IC Die
Printed Circuit Board
Exposed
Die Pad
Copper Thermal Pad
Under Package
Printed Circuit Board
J
B
ψ
JB
PCB Top Copper Trace
PCB Bottom Copper Trace
Figure 9.14 : Ways to Improve Thermal Resistance
Using ψ
JB the junction temperature (TJ) of the IC can be
found using the equation below.
JB
J
BH
TT
P
=
+
⋅ψ
(9.13)
where, T
B is the PCB surface temperature and PH is the
power applied to the chip or the product of V
CC and ICCQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com