Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW3614 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW3614
Description  AC/DC Digital Power Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3614 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW3614 Datasheet HTML 1Page - Dialog Semiconductor IW3614 Datasheet HTML 2Page - Dialog Semiconductor IW3614 Datasheet HTML 3Page - Dialog Semiconductor IW3614 Datasheet HTML 4Page - Dialog Semiconductor IW3614 Datasheet HTML 5Page - Dialog Semiconductor IW3614 Datasheet HTML 6Page - Dialog Semiconductor IW3614 Datasheet HTML 7Page - Dialog Semiconductor IW3614 Datasheet HTML 8Page - Dialog Semiconductor IW3614 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Rev. 0.7
iW3614
Page 3
PReliminaRy
iW3614
AC/DC Digital Power Controller for
High Power Factor Dimmable LED Drivers
Parameter
Symbol
Value
Units
DC supply voltage range (pin 8, I
CC = 20mA max)
V
CC
-0.3 to 18
V
DC supply current at V
CC pin
I
CC
20
mA
OUTPUT (pin 7)
-0.3 to 18
V
OUTPUT(TR) (pin 1)
-0.3 to 18
V
V
SENSE input (pin 2, IVsense ≤ 10mA)
-0.7 to 4.0
V
V
IN input (pin 3)
-0.3 to 18
V
I
SENSE input (pin 6)
-0.3 to 4.0
V
V
T input (pin 4)
-0.3 to 4.0
V
Power dissipation at T
A ≤ 25°C
P
D
526
mW
Maximum junction temperature
T
J MAX
150
°C
Storage temperature
T
STG
–65 to 150
°C
Thermal Resistance Junction-to-PCB Board Surface Temperature
ψ
JB (Note 1)
70
°C/W
ESD rating per JEDEC JESD22-A114
2,000
V
Latch-Up test per JEDEC 78
±100
mA
Notes:
Note 1.
ψ
JB [Psi Junction to Board] provides an estimation of the die junction temperature relative to the PCB [Board]
surface temperature. This data is measured at the ground pin (pin 5) without using any thermal adhesives. See
Section 9.13 for more information.
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded. For
maximum safe operating conditions, refer to Electrical Characteristics in Section 6.0.
5.0 Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com