Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7259 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7259
Description  Quad Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7259 Datasheet(HTML) 1 Page - Copal Electronics

  DP7259 Datasheet HTML 1Page - Copal Electronics DP7259 Datasheet HTML 2Page - Copal Electronics DP7259 Datasheet HTML 3Page - Copal Electronics DP7259 Datasheet HTML 4Page - Copal Electronics DP7259 Datasheet HTML 5Page - Copal Electronics DP7259 Datasheet HTML 6Page - Copal Electronics DP7259 Datasheet HTML 7Page - Copal Electronics DP7259 Datasheet HTML 8Page - Copal Electronics DP7259 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DP7259
© NIDEC COPAL ELECTRONICS CORP.
1
Doc. No. MD-2000 Rev. H
Characteristics subject to change without notice
Quad Digital Potentiometers
(DP) with 256 Taps and 2-wire Interface
FEATURES
Four linear taper digital potentiometers
256 resistor taps per potentiometer
End to end resistance 50k
or 100k
Potentiometer control and memory access via
2-wire interface (I
2C like)
Low wiper resistance, typically 100
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
24-lead SOIC and 24-lead TSSOP packages
Industrial temperature range
For Ordering Information details, see page 15.
PIN CONFIGURATION
SOIC (W)
TSSOP (Y)
NC
1
24 A3
A0
2
23 SCL
RW3
322 RL2
RH3
421 RH2
RL3
520 RW2
NC
6
19 NC
VCC
7
18 GND
RLO
817 RW1
RHO
916 RH1
RWO 10
15 RL1
A2 11
14 A1
WP
¯¯¯ 12
13 SDA
DESCRIPTION
The
DP7259
is
four
digital
potentiometers
(DPs) integrated with control logic and 16 bytes
of NVRAM memory. Each DP consists of a series
of
resistive
elements
connected
between
two
externally accessible end points. The tap points
between each resistive element are connected to the
wiper outputs with CMOS switches. A separate 8-bit
control register (WCR) independently controls the
wiper tap switches for each DP. Associated with
each wiper control register are four 8-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a 2-wire
serial bus. On power-up, the contents of the first data
register (DR0) for each of the four potentiometers
is automatically loaded into its respective wiper
control registers.
The DP7259 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the -40ºC to 85ºC
industrial operating temperature ranges and offered in
a 24-lead SOIC and TSSOP package.
FUNCTIONAL DIAGRAM
NONVOLATILE
DATA
REGISTERS
CONTROL LOGIC
WIPER CONTROL
REGISTERS
2-WIRE BUS
INTERFACE
RW0
RW1
RW2
RW3
RL0
A0
A1
SCL
SDA
A2
A3
RL1
RL2
RL3
RH0
RH1
RH2
RH3
WP


Similar Part No. - DP7259

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
Quad Digital Potentiometer
More results

Similar Description - DP7259

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
Quad Digital Controlled Potentiometers
September 27, 2005
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
Quad Digital Controlled Potentiometers (XDCP??
March 29, 2006
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
Quad Digital Controlled Potentiometers
August 30, 2006
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
Quad Digital Controlled Potentiometers
July 5, 2006
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
Quad Digital Controlled Potentiometers(XDCP??
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
Quad Digital Controlled Potentiometers
December 15, 2011
logo
Copal Electronics
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
Quad Digital Potentiometers
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com