Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2292 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 6Page - NXP Semiconductors LPC2292 Datasheet HTML 7Page - NXP Semiconductors LPC2292 Datasheet HTML 8Page - NXP Semiconductors LPC2292 Datasheet HTML 9Page - NXP Semiconductors LPC2292 Datasheet HTML 10Page - NXP Semiconductors LPC2292 Datasheet HTML 11Page - NXP Semiconductors LPC2292 Datasheet HTML 12Page - NXP Semiconductors LPC2292 Datasheet HTML 13Page - NXP Semiconductors LPC2292 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Philips Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 05 February 2004
10 of 40
9397 750 12748
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P3.20
45
O
A20 — External memory address line 20.
P3.21
44
O
A21 — External memory address line 21.
P3.22
41
O
A22 — External memory address line 22.
P3.23
40
I/O
A23 — External memory address line 23.
O
XCLK — Clock output.
P3.24
36
O
CS3 — Low-active Chip Select 3 signal.
(Bank 3 addresses range 8300 0000 - 83FF FFFF)
P3.25
35
O
CS2 — Low-active Chip Select 2signal.
(Bank 2 addresses range 8200 0000 - 82FF FFFF)
P3.26
30
O
CS1 — Low-active Chip Select 1 signal.
(Bank 1 addresses range 8100 0000 - 81FF FFFF)
P3.27
29
O
WE — Low-active Write enable signal.
P3.28
28
O
BLS3 — Low-active Byte Lane Select signal (Bank 3).
I
AIN7 — A/D converter, input 7. This analog input is always connected to its
pin.
P3.29
27
O
BLS2 — Low-active Byte Lane Select signal (Bank 2).
I
AIN6 — A/D converter, input 6. This analog input is always connected to its
pin.
P3.30
97
O
BLS1 — Low-active Byte Lane Select signal (Bank 1).
P3.31
96
O
BLS0 — Low-active Byte Lane Select signal (Bank 0).
TD1
22
O
TD1: CAN1 transmitter output.
RESET
135
I
External Reset input: A LOW on this pin resets the device, causing I/O ports
and peripherals to take on their default states, and processor execution to
begin at address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
142
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
141
O
Output from the oscillator amplifier.
VSS
3, 9, 26, 38,
54, 67, 79,
93, 103, 107,
111, 128
I
Ground: 0 V reference.
VSSA
139
I
Analog Ground: 0 V reference. This should nominally be the same voltage
as VSS, but should be isolated to minimize noise and error.
VSSA_PLL
138
I
PLL Analog Ground: 0 V reference. This should nominally be the same
voltage as VSS, but should be isolated to minimize noise and error.
V18
37, 110
I
1.8 V Core Power Supply: This is the power supply voltage for internal
circuitry.
V18A
143
I
Analog 1.8 V Core Power Supply: This is the power supply voltage for
internal circuitry. This should be nominally the same voltage as V18 but should
be isolated to minimize noise and error.
V3
2, 31, 39, 51,
57, 77, 94,
104, 112, 119
I
3.3 V Pad Power Supply: This is the power supply voltage for the I/O ports.
V3A
14
I
Analog 3.3 V Pad Power Supply: This should be nominally the same voltage
as V3 but should be isolated to minimize noise and error.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com