Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL70 Datasheet(PDF) 2 Page - America Semiconductor, LLC

Part # 2CL70
Description  2CL70-74 high voltage diodes adopt the designing of high reliable multiple mesa structure and silicon tube, molded in small volume and compact packaging surface by epoxy resin.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC

2CL70 Datasheet(HTML) 2 Page - America Semiconductor, LLC

  2CL70 Datasheet HTML 1Page - America Semiconductor, LLC 2CL70 Datasheet HTML 2Page - America Semiconductor, LLC 2CL70 Datasheet HTML 3Page - America Semiconductor, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2CL75,77 high voltage diodes adopt the designing of high reliable multiple mesa structure and silicon
tube, molded in small volume and compact packaging surface by epoxy resin.
Features:
Fast recovery
Low forward on pressure, low leakage current
Protection of avalanche breakdown
Antiimpacting of discharging of CRT high voltage surge
current
Axial lead diode, could weld on tube pin
Epoxy resin molded and can resist corrosion on its surface
Application:
Television and FBT display
Cathode ion generator, laser power supply
neon lamp power supply, voltage multiplier assembly
DC high voltage generator assembly
MAX.RATED VALUE
Rated Value
Sign
Condition
2CL75
2CL77
Unit
Peak Reverse Repetitive
Voltage
VRRM
16
20
kV
Average Forward Rectifier
Current
IO
5.0
mA
Max.
Irrepetitive
Surge
current
IFSM
Ta=25
⁰C rated load"half cycle"
single phase 50Hz
0.5
A
Junction Temperature
Tj
half cycle sinewave peak voltage
120
Ambient Humidity
Tc
100
C
Store Humidity
Tstg
-40—120
C
Electric Characteristic
Rated Value
Sign
Condition
2CL75
2CL77
Unit
Max. Forward Peak Voltage
V
IF=10mA
50.0
62.5
V
Max. Reverse Recovery
Time
trr
IF=2mA
IR=4mA
0.1
µ
S
Max.
Reverse
Leakage
Current
IR1
VR=VRRM 25
2.0
µ
A
Max.
Reverse
Leakage
Current
IR2
VR=VRRM 100
5.0
µ
A
Max. Junction Capacitor
Cj
2
pF
Type
2CL75
2CL77
A
12.0
c



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com