Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL70 Datasheet(PDF) 1 Page - America Semiconductor, LLC

Part # 2CL70
Description  2CL70-74 high voltage diodes adopt the designing of high reliable multiple mesa structure and silicon tube, molded in small volume and compact packaging surface by epoxy resin.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC

2CL70 Datasheet(HTML) 1 Page - America Semiconductor, LLC

  2CL70 Datasheet HTML 1Page - America Semiconductor, LLC 2CL70 Datasheet HTML 2Page - America Semiconductor, LLC 2CL70 Datasheet HTML 3Page - America Semiconductor, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2CL70-74 high voltage diodes adopt the designing of high reliable multiple mesa structure and silicon
tube, molded in small volume and compact packaging surface by epoxy resin.
Features:
Fast recovery
Low forward on pressure, low leakage current
Protection of avalanche breakdown
Anti-impacting of discharging of CRT high voltage surge
current
Axial lead diode, could weld on tube pin
Epoxy resin molded and can resist corrosion on its surface
Application:
Television and FBT display
Cathode ion generator, laser power supply
neon lamp power supply, voltage multiplier assembly
DC high voltage generator assembly
MAX.RATED VALUE
Rated Value
Sign
Condition
2CL70
2CL71
2CL72
2CL73
2CL74
Unit
Peak Reverse Repetitive
Voltage
VRRM
6
8
10
12
14
kV
Average Forward Rectifier
Current
IO
5.0
mA
Max.
Irrepetitive
Surge
current
IFSM
Ta= 25c rated load "half cycle"
single phase , 50Hz
0.5
A
Junction Temperature
Tj
half cycle sinewave peak voltage
120
Ambient Humidity
Tc
100
Store Humidity
Tstg
-40—120
C
Electric Characteristic
Rated Value
Sign
Condition
2CL70
2CL71
2CL72
2CL73
2CL74
Unit
Max. Forward Peak Voltage
V
IF=10mA
20.0
25.0
30.0
37.5
42.0
V
Max. Reverse Recovery
Time
trr
IF=2mA
IR=4mA
0.1
µ
S
Max.
Reverse
Leakage
Current
IR1
VR=VRRM, 25
⁰c
2.0
µ
A
Max.
Reverse
Leakage
Current
IR2
VR=VRRM , 100
⁰c
5.0
µ
A
Max. Junction Capacitor
Cj
2
pF
Type 2CL70 2CL71 2CL72 2CL73 2CL74
A
8.0
10.0
C
C


Similar Part No. - 2CL70

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL70 EDI-2CL70 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL70 GETEDZ-2CL70 Datasheet
69Kb / 1P
5mA 6kV HIGH VOLTAGE DIODES
logo
Anshan Suly Electronics
2CL70 ANSHAN-2CL70 Datasheet
348Kb / 2P
High voltage rectifier diodes 2CL70 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
logo
SUNMATE electronic Co.,...
2CL70 SUNMATE-2CL70 Datasheet
205Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
ZP Semiconductor
2CL70 ZPSEMI-2CL70 Datasheet
385Kb / 2P
Fast Recovery High Voltage Diodes
More results

Similar Description - 2CL70

ManufacturerPart #DatasheetDescription
logo
Anshan Suly Electronics
2CL80KV-3.0A ANSHAN-2CL80KV-3.0A Datasheet
193Kb / 3P
High voltage rectifier diodes 2CL80KV/3.0A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CLG200KV-1.0A ANSHAN-2CLG200KV-1.0A Datasheet
194Kb / 3P
High voltage rectifier diodes 2CLG200KV/1.0A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CLG200KV-2.0A ANSHAN-2CLG200KV-2.0A Datasheet
195Kb / 3P
High voltage rectifier diodes 2CLG200KV/2.0A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CLG300KV-1.0A ANSHAN-2CLG300KV-1.0A Datasheet
194Kb / 3P
High voltage rectifier diodes 2CLG300KV/1.0A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
USF301 ANSHAN-USF301 Datasheet
191Kb / 3P
High voltage rectifier diodes USF301 series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CL70 ANSHAN-2CL70 Datasheet
348Kb / 2P
High voltage rectifier diodes 2CL70 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
2CL120KV2A ANSHAN-2CL120KV2A Datasheet
199Kb / 3P
High voltage rectifier diodes 2CL120KV/2A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CML150KV2A ANSHAN-2CML150KV2A Datasheet
204Kb / 3P
High voltage rectifier diodes 2CML150KV/2A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CML350KV20A ANSHAN-2CML350KV20A Datasheet
204Kb / 1P
High voltage rectifier diodes 2CML350KV/20A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2DGL40KV5A ANSHAN-2DGL40KV5A Datasheet
205Kb / 1P
High voltage rectifier diodes 2DGL5A /40KV series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com