Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRSF3243CPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TRSF3243CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRSF3243CPWR Datasheet(HTML) 2 Page - Texas Instruments

  TRSF3243CPWR Datasheet HTML 1Page - Texas Instruments TRSF3243CPWR Datasheet HTML 2Page - Texas Instruments TRSF3243CPWR Datasheet HTML 3Page - Texas Instruments TRSF3243CPWR Datasheet HTML 4Page - Texas Instruments TRSF3243CPWR Datasheet HTML 5Page - Texas Instruments TRSF3243CPWR Datasheet HTML 6Page - Texas Instruments TRSF3243CPWR Datasheet HTML 7Page - Texas Instruments TRSF3243CPWR Datasheet HTML 8Page - Texas Instruments TRSF3243CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
FUNCTION TABLES
TRSF3243
SLLS862A – AUGUST 2007 – REVISED SEPTEMBER 2008............................................................................................................................................ www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 20
TRSF3243CDW
SOIC – DW
TRSF3243C
Reel of 1000
TRSF3243CDWR
0°C to 70°C
SSOP – DB
Reel of 2000
TRSF3243CDBR
TRSF3243C
Tube of 50
TRSF3243CPW
TSSOP – PW
RT43C
Reel of 2000
TRSF3243CPWR
Tube of 20
TRSF3243IDW
SOIC – DW
TRSF3243I
Reel of 1000
TRSF3243IDWR
–40°C to 85°C
SSOP – DB
Reel of 2000
TRSF3243IDBR
TRSF3243I
Tube of 50
TRSF3243IPW
TSSOP – PW
Reel of 2000
TRSF3243IPWR
RT43I
(1)
Package drawings, thermal data, symbolization are available at www.ti.com/sc/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
EACH DRIVER(1)
INPUTS
OUTPUT
DRIVER STATUS
VALID RIN
DOUT
DIN
FORCEON
FORCEOFF
RS-232 LEVEL
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with auto-powerdown disabled
H
H
H
X
L
L
L
H
Yes
H
Normal operation with auto-powerdown enabled
H
L
H
Yes
L
L
L
H
No
Z
Powered off by auto-powerdown feature
H
L
H
No
Z
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
EACH RECEIVER(1)
INPUTS
OUTPUTS
VALID RIN
RECEIVER STATUS
RIN1,
ROUT1,
RIN2
FORCEOFF
RS-232
ROUT2B
ROUT2
RIN3–RIN5
ROUT3–5
LEVEL
L
X
L
X
L
Z
Z
Powered off while
ROUT2B is active
H
X
L
X
H
Z
Z
L
L
H
YES
L
H
H
L
H
H
YES
L
L
L
Normal operation with
H
L
H
YES
H
H
H
auto-powerdown
disabled/enabled
H
H
H
YES
H
L
L
Open
Open
H
YES
L
H
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), Open = input disconnected or connected driver off
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TRSF3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com