Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRSF3243CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRSF3243CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRSF3243CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TRSF3243CPWR Datasheet HTML 1Page - Texas Instruments TRSF3243CPWR Datasheet HTML 2Page - Texas Instruments TRSF3243CPWR Datasheet HTML 3Page - Texas Instruments TRSF3243CPWR Datasheet HTML 4Page - Texas Instruments TRSF3243CPWR Datasheet HTML 5Page - Texas Instruments TRSF3243CPWR Datasheet HTML 6Page - Texas Instruments TRSF3243CPWR Datasheet HTML 7Page - Texas Instruments TRSF3243CPWR Datasheet HTML 8Page - Texas Instruments TRSF3243CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C2+
C2−
V−
RIN1
RIN2
RIN3
RIN4
RIN5
DOUT1
DOUT2
DOUT3
DIN3
DIN2
DIN1
C1+
V+
VCC
GND
C1−
FORCEON
FORCEOFF
INVALID
ROUT2B
ROUT1
ROUT2
ROUT3
ROUT4
ROUT5
DB, DW, OR PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
TRSF3243
www.ti.com............................................................................................................................................ SLLS862A – AUGUST 2007 – REVISED SEPTEMBER 2008
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
• Operates With 3-V to 5.5-V V
CC Supply
• Always-Active Noninverting Receiver Output
(ROUT2B)
• Low Standby Current . . . 1 µA Typ
• External Capacitors . . . 4 × 0.1 µF
• Accepts 5-V Logic Input With 3.3-V Supply
• Inter-Operable With SN65C3238, SN75C3238
• Supports Operation From 250 kbit/s to
1 Mbit/s
• RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Battery-Powered Systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-Held Equipment
The TRSF3243 consists of three line drivers, five line receivers, and a dual charge-pump circuit with ±15-kV ESD
protection pin to pin (serial-port connection pins, including GND). This device provides the electrical interface
between an asynchronous communication controller and the serial-port connector. The charge pump and four
small external capacitors allow operation from a single 3-V to 5.5-V supply. In addition, this device includes an
always-active noninverting output (ROUT2B), which allows applications using the ring indicator to transmit data
while the device is powered down. The device operates at data signaling rates up to 1 Mbit/s and an increased
slew-rate range of 24 V/
µs to 150 V/µs.
Flexible control options for power management are available when the serial port is inactive. The
auto-powerdown feature functions when FORCEON is low and FORCEOFF is high. During this mode of
operation, if the device does not sense a valid RS-232 signal, the driver outputs are disabled. If FORCEOFF is
set low, both drivers and receivers (except ROUT2B) are shut off, and the supply current is reduced to 1
µA.
Disconnecting the serial port or turning off the peripheral drivers causes the auto-powerdown condition to occur.
Auto-powerdown can be disabled when FORCEON and FORCEOFF are high and should be done when driving
a serial mouse. With auto-powerdown enabled, the device is activated automatically when a valid signal is
applied to any receiver input. The INVALID output is used to notify the user if an RS-232 signal is present at any
receiver input. INVALID is high (valid data) if any receiver input voltage is greater than 2.7 V or less than –2.7 V
or has been between –0.3 V and 0.3 V for less than 30
µs. INVALID is low (invalid data) if all receiver input
voltages are between –0.3 V and 0.3 V for more than 30
µs. Refer to Figure 5 for receiver input levels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRSF3243CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3243CPWR TI-TRSF3243CPWR Datasheet
421Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results

Similar Description - TRSF3243CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3238 TI-SN75C3238 Datasheet
314Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232 TI-SN65C3232_07 Datasheet
376Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3243 TI-TRSF3243 Datasheet
421Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IPWR TI-TRSF3232IPWR Datasheet
512Kb / 13P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3222 TI1-SN65C3222_16 Datasheet
1Mb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com