Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB32008RSVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB32008RSVR
Description  USB 2.0 Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB32008RSVR Datasheet(HTML) 5 Page - Texas Instruments

  TS3USB32008RSVR Datasheet HTML 1Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 2Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 3Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 4Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 5Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 6Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 7Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 8Page - Texas Instruments TS3USB32008RSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
TS3USB3200
www.ti.com
SCDS333B – JUNE 2012 – REVISED JULY 2016
Product Folder Links: TS3USB3200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
TA = –40°C to 85°C, Typical values are at VCC = 3.3 V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MHL SWITCH
RON
ON-state resistance
VCC = 2.7 V
VI/O = 1.6 V, ION = –8 mA
5.7
ΔRON
ON-state resistance match
between + and – paths
VCC = 2.7 V
VI/O = 1.6 V, ION = –8 mA
0.4
RON (FLAT)
ON-state resistance flatness
VCC = 2.7 V
VI/O = 1.6 V to 3.4 V, ION = –8 mA
1
IOZ
OFF leakage current
VCC = 4.3 V
Switch OFF, VMHL+/MHL– = 1.6 V to 3.4 V,
VD+/D– = 0 V
–2
2
µA
IOFF
Power-off leakage current
VCC = 0 V
Switch ON or OFF, VMHL+/MHL– = 1.6 V to 3.4 V,
VD+/D– = NC
–10
10
µA
ION
ON leakage current
VCC = 4.3 V
Switch ON, VMHL+/MHL– = 1.6 V to 3.4 V,
VD+/D– = NC
–2
2
µA
USB SWITCH
RON
ON-state resistance
VCC = 2.7 V
VI/O = 0.4 V, ION = –8 mA
4.6
ΔRON
ON-state resistance match
between + and – paths
VCC = 2.7 V
VI/O = 0.4 V, ION = –8 mA
0.4
RON (FLAT)
ON-state resistance flatness
VCC = 2.7 V
VI/O = 0 V to 0.4 V, ION = –8 mA
1
IOZ
OFF leakage current
VCC = 4.3 V
Switch OFF, VUSB+/USB– = 0 V to 4.3 V,
VD+/D– = 0 V
–2
2
µA
IOFF
Power-off leakage current
VCC = 0 V
Switch ON or OFF, VUSB+/USB– = 0 V to 4.3 V,
VD+/D– = NC
–10
10
µA
ION
ON leakage current
VCC = 4.3 V
Switch ON, VUSB+/USB– = 0 V to 4.3 V,
VD+/D– = NC
–2
2
µA
ID SWITCH
RON
ON-state resistance
VCC = 2.7 V
VI/O = 3.3 V, ION = –8 mA
6.5
ΔRON
ON-state resistance match
between + and – paths
VCC = 2.7 V
VI/O = 3.3 V, ION = –8 mA
0.4
IOZ
OFF leakage current
VCC = 4.3 V
Switch OFF,
VID_MHL/ID_USB = 0 V to 4.3 V,
VID_COM = 0 V
–1
1
µA
IOFF
Power-off leakage current
VCC = 0 V
Switch ON or OFF,
VID_MHL/ID_USB = 0 V to 4.3 V,
VID_COM = NC
–10
10
µA
ION
ON leakage current
VCC = 4.3 V
Switch ON, VID_MHL/ID_USB = 0 V to 4.3 V,
VID_COM = 0 V
–1
1
µA
DIGITAL CONTROL INPUTS (SEL1, SEL2, PSEL)
VIH
Input logic high
VCC = 2.7 V to 4.3 V
1.3
V
VIL
Input logic low
VCC = 2.7 V to 4.3 V
0.6
V
IIN
Input leakage current
VCC = 4.3 V, VI/O = 0 V to 4.3 V, VIN = 0 V to 2 V
–10
10
μA
(1)
Specified by Design
6.6 Dynamic Characteristics
TA = –40°C to 85°C, Typical values are at VCC = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MHL(1)/USB/ ID SWITCH
tpd
Propagation Delay
RL = 50 Ω, CL = 5 pF
VCC = 2.7 V to 4.3 V
0.1
ns
tON
Turnon time
RL = 50 Ω, CL = 5 pF
VCC = 2.7 V to 4.3 V
400
ns
tOFF
Turnoff time
RL = 50 Ω, CL = 5 pF
VCC = 2.7 V to 4.3 V
400
ns
tSK(P)
Skew of opposite transitions of same
output
VCC = 2.7 V or 3.3V
VCC = 2.7 V to 4.3 V
0.1
0.2
ns
CON(MHL)
MHL path ON capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V, f = 240 MHz
Switch ON
1.6
pF
CON(USB)
USB path ON capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V, f = 240 MHz
Switch ON
1.4
pF
COFF(MHL)
MHL path OFF capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V, f = 240 MHz
Switch OFF
1.4
pF
COFF(USB)
USB path OFF capacitance
VCC = 3.3 V, VI/O = 0 or 3.3 V, f = 240 MHz
Switch OFF
1.6
pF
CI
Digital input capacitance
VCC = 3.3 V, VI = 0 or 2V
2.2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com