Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB3200RSVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3200RSVR
Description  USB 2.0 Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200RSVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3USB3200RSVR Datasheet HTML 7Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 8Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 9Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 10Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 11Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 12Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 13Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 14Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
100Ω
D+
D-
MicroUSB
Connector
D+
D-
ID_COM
GND
VBUS
USB_DM
DP
DM
ID
USB+
USB-
ID_USB
VBUS
MHL+
MHL-
ID_MHL
MHL+/MyDP+
MHL-/MyDP-
CBUS/ID
HDMI
USB_DP
UART_TX
UART_RX
SDA
SCL
INT
VBAT
Baseband or
Application
Processor
TSU6111A
HDMI to
MHL/MyDP Bridge
TS3USB3200
VBAT
To
Battery
Charger
SEL1
SEL2
VBUS
ID
GND
PSEL
VCC
Copyright © 2016, Texas Instruments Incorporated
11
TS3USB3200
www.ti.com
SCDS333B – JUNE 2012 – REVISED JULY 2016
Product Folder Links: TS3USB3200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
For Mobility Display Port Applications (MyDP) the signal voltage must be biased to ensure that the signal never
exceeds the Recommended Operating Conditions for the TS3USB3200. Namely the VI/O must never operate
outside the range of 0 V to 3.6 V.
The control pins (SEL1 and SEL2) have built-in 6-MΩ pulldown resistors to ensure the USB paths are enabled
for TS3USB3200 and allow connectivity to the TSU5611 USB accessory switch.
8.2 Typical Applications
8.2.1 TS3USB3200 Configured to be Powered by VBUS Through the MicroUSB Connector
During manufacturing test when battery power is not available, the TS3USB3200 can be configured, as shown in
Figure 10, to be powered by VBUS through the microUSB connector.
Figure 10. Typical Application Schematic Powered by VBUS
8.2.1.1 Design Requirements
Design requirements of the MHL and USB 1.0,1.1, and 2.0 standards must be followed. The TS3USB3200 has
internal 6-M
Ω pulldown resistors on SEL and OE, so no external resistors are required on the logic pins. The
internal pulldown resistor on SEL ensures the USB channel is selected by default. The internal pulldown resistor
on OE enables the switch when power is applied to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com