Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB3200RSVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3200RSVR
Description  USB 2.0 Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200RSVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TS3USB3200RSVR Datasheet HTML 10Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 11Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 12Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 13Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 14Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 15Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 16Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 17Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Signal 1
GND Plane
Power Plane
Signal 2
14
TS3USB3200
SCDS333B – JUNE 2012 – REVISED JULY 2016
www.ti.com
Product Folder Links: TS3USB3200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Place supply bypass capacitors as close to VCC pin as possible and avoid placing the bypass capacitors near
the D+/D– traces.
The high-speed D+/D- must match and be no more than 4 inches long; otherwise, the eye diagram performance
may be degraded. A high-speed USB connection is made through a shielded, twisted pair cable with a differential
characteristic impedance. In layout, the impedance of D+ and D– traces must match the cable characteristic
differential impedance for optimal performance.
Route the high-speed USB signals using a minimum of vias and corners which reduces signal reflections and
impedance changes. When a via must be used, increase the clearance size around it to minimize its
capacitance. Each via introduces discontinuities in the signal’s transmission line and increases the chance of
picking up interference from the other layers of the board. Be careful when designing test points on twisted pair
lines; through-hole pins are not recommended.
When it becomes necessary to turn 90°, use two 45° turns or an arc instead of making a single 90° turn. This
reduces reflections on the signal traces by minimizing impedance discontinuities.
Do not route USB traces under or near crystals, oscillators, clock signal generators, switching regulators,
mounting holes, magnetic devices, or ICs that use or duplicate clock signals.
Avoid stubs on the high-speed USB signals because they cause signal reflections. If a stub is unavoidable, then
the stub must be less than 200 mm.
Route all high-speed USB signal traces over continuous GND planes, with no interruptions.
Avoid crossing over anti-etch, commonly found with plane splits.
Due to high frequencies associated with the USB, a printed-circuit board with at least four layers is
recommended; two signal layers separated by a ground and power layer as shown in Figure 20.
Figure 20. Four-Layer Board Stack-Up
The majority of signal traces must run on a single layer, preferably Signal 1. Immediately next to this layer should
be the GND plane, which is solid with no cuts. Avoid running signal traces across a split in the ground or power
plane. When running across split planes is unavoidable, sufficient decoupling must be used. Minimizing the
number of signal vias reduces EMI by reducing inductance at high frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com