Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM323A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM323A
Description  3-Amp, 5-Volt Positive Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM323A Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM323A Datasheet HTML 1Page - National Semiconductor (TI) LM323A Datasheet HTML 2Page - National Semiconductor (TI) LM323A Datasheet HTML 3Page - National Semiconductor (TI) LM323A Datasheet HTML 4Page - National Semiconductor (TI) LM323A Datasheet HTML 5Page - National Semiconductor (TI) LM323A Datasheet HTML 6Page - National Semiconductor (TI) LM323A Datasheet HTML 7Page - National Semiconductor (TI) LM323A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Applications (Continued)
Adjustable Regulator 0V−10V @ 3A
DS007771-7
A1 — LM101A
C1 — 2 µF Optional — Improves Ripple Rejection, Noise, and Transient Response
Trimming Output to 5V
DS007771-8
Adjustable Output 5V−10V 0.1% Regulation
DS007771-4
*Select to Set Output Voltage
**Select to Draw 25 mA from V−
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com