Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM323A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM323A
Description  3-Amp, 5-Volt Positive Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM323A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM323A Datasheet HTML 1Page - National Semiconductor (TI) LM323A Datasheet HTML 2Page - National Semiconductor (TI) LM323A Datasheet HTML 3Page - National Semiconductor (TI) LM323A Datasheet HTML 4Page - National Semiconductor (TI) LM323A Datasheet HTML 5Page - National Semiconductor (TI) LM323A Datasheet HTML 6Page - National Semiconductor (TI) LM323A Datasheet HTML 7Page - National Semiconductor (TI) LM323A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM123/LM323A/LM323
3-Amp, 5-Volt Positive Regulator
General Description
The LM123 is a three-terminal positive regulator with a pre-
set 5V output and a load driving capability of 3 amps. New
circuit design and processing techniques are used to provide
the high output current without sacrificing the regulation
characteristics of lower current devices.
The LM323A offers improved precision over the standard
LM323. Parameters with tightened specifications include
output voltage tolerance, line regulation, and load regulation.
The 3 amp regulator is virtually blowout proof. Current limit-
ing, power limiting, and thermal shutdown provide the same
high level of reliability obtained with these techniques in the
LM109 1 amp regulator.
No external components are required for operation of the
LM123. If the device is more than 4 inches from the filter ca-
pacitor, however,a1µF solid tantalum capacitor should be
used on the input. A 0.1 µF or larger capacitor may be used
on the output to reduce load transient spikes created by fast
switching digital logic, or to swamp out stray load capaci-
tance.
An overall worst case specification for the combined effects
of input voltage, load currents, ambient temperature, and
power dissipation ensure that the LM123 will perform satis-
factorily as a system element.
For applications requiring other voltages, see LM150 series
adjustable regulator data sheet.
Operation is guaranteed over the junction temperature range
−55˚C to +150˚C for LM123, −40˚C to +125˚C for LM323A,
and 0˚C to +125˚C for LM323. A hermetic TO-3 package is
used for high reliability and low thermal resistance.
Features
n Guaranteed 1% initial accuracy (A version)
n 3 amp output current
n Internal current and thermal limiting
n 0.01
Ω typical output impedance
n 7.5V minimum input voltage
n 30W power dissipation
n P
+ Product Enhancement tested
Connection Diagram
Typical Applications
Metal Can Package
DS007771-2
Order Number LM123K STEEL, LM323AK STEEL or LM323K STEEL
See NS Package Number K02A
Order Number LM123K/883
See NS Package Number K02C
Basic 3 Amp Regulator
DS007771-3
*Required if LM123 is more than 4" from filter capacitor.
†Regulator is stable with no load capacitor into resistive loads.
April 1998
© 1999 National Semiconductor Corporation
DS007771
www.national.com


Similar Part No. - LM323A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM323A ONSEMI-LM323A Datasheet
126Kb / 8P
3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
1996 Rev 0
LM323A ONSEMI-LM323A Datasheet
78Kb / 8P
3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
logo
Texas Instruments
LM323A TI1-LM323A Datasheet
1Mb / 13P
3-Amp, 5-Volt Positive Regulator
logo
ON Semiconductor
LM323AT ONSEMI-LM323AT Datasheet
126Kb / 8P
3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
1996 Rev 0
LM323AT ONSEMI-LM323AT Datasheet
78Kb / 8P
3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
More results

Similar Description - LM323A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP78M05ADP SEME-LAB-IP78M05ADP Datasheet
13Kb / 2P
3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
5 Volt, 5 Amp Voltage Regulator
LT123A LINER-LT123A Datasheet
456Kb / 7P
5 Volt, 3 Amp Voltage Regulator
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
5 Amp Positive Voltage Regulator
logo
Texas Instruments
LM123QML TI1-LM123QML Datasheet
552Kb / 14P
LM123QML 3-Amp, 5-Volt Positive Regulator
logo
Linear Technology
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Texas Instruments
LM123QML TI-LM123QML_15 Datasheet
389Kb / 11P
LM123QML 3-Amp, 5-Volt Positive Regulator
LM123 TI1-LM123 Datasheet
1Mb / 13P
3-Amp, 5-Volt Positive Regulator
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com