Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXDA9000 Datasheet(PDF) 4 Page - Advanced XTAL Products

Part # AXDA9000
Description  Low Noise Selective Distribution Amplifier in 19??rack (1 HU)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXDA9000 Datasheet(HTML) 4 Page - Advanced XTAL Products

  AXDA9000 Datasheet HTML 1Page - Advanced XTAL Products AXDA9000 Datasheet HTML 2Page - Advanced XTAL Products AXDA9000 Datasheet HTML 3Page - Advanced XTAL Products AXDA9000 Datasheet HTML 4Page - Advanced XTAL Products AXDA9000 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXDA9000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 4(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Enclosure drawing
Connections and operation
#
Panel
Symbol
Function
1
POWER IN
AC Supply Input (IEC 60320-1 / C14)
2
FUSE
1 A Slow 5x20 mm Fuse
3
IN
RF input
4
Rear
OUT
RF outputs 4…16*
5
POWER SWITCH
Power Switch ON/OFF
6
POWER ON
LED – Power On Indicator
7
AC INPUT
LED – RF Input Indicator
8
Front
AC OVERLOAD
LED – RF Overload Indicator
*Unused outputs must be terminated with 50 Ω loads



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com