Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXDA9000 Datasheet(PDF) 5 Page - Advanced XTAL Products

Part # AXDA9000
Description  Low Noise Selective Distribution Amplifier in 19??rack (1 HU)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXDA9000 Datasheet(HTML) 5 Page - Advanced XTAL Products

  AXDA9000 Datasheet HTML 1Page - Advanced XTAL Products AXDA9000 Datasheet HTML 2Page - Advanced XTAL Products AXDA9000 Datasheet HTML 3Page - Advanced XTAL Products AXDA9000 Datasheet HTML 4Page - Advanced XTAL Products AXDA9000 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXDA9000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 5(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Handling & Testing
Parameter
Procedure / Test condition
Sinusoidal vibration
max. 0.15 mm <10 Hz, 1 g at 10~2000 Hz
Random vibration
max. 0.001 g²/Hz, 10~2000 Hz
Mechanical shock
max. 10 g, 11 ms half sine
Handling and Testing
Careful handling.
DGUV Requirement 3 Tested
Yes
No
RoHS-Compliant
Yes
No
Data sheet is for information purposes only and may be subject to modifications or may be discontinued without notice.
Revision History
Rev.
Drawing
Date
[dd.mm.yyyy]
Remarks
Author
Checked
1
D0
04.07.2016
First issue
HH
BN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com