Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM75S Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM75S
Description  Low Phase Noise OCXO for Space Application (COTS version)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75S Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM75S Datasheet HTML 1Page - Advanced XTAL Products AXIOM75S Datasheet HTML 2Page - Advanced XTAL Products AXIOM75S Datasheet HTML 3Page - Advanced XTAL Products AXIOM75S Datasheet HTML 4Page - Advanced XTAL Products AXIOM75S Datasheet HTML 5Page - Advanced XTAL Products AXIOM75S Datasheet HTML 6Page - Advanced XTAL Products AXIOM75S Datasheet HTML 7Page - Advanced XTAL Products AXIOM75S Datasheet HTML 8Page - Advanced XTAL Products AXIOM75S Datasheet HTML 9Page - Advanced XTAL Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75S Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM75S
Rev.: 1
Date: 2014-05-06
Oscillator type:
Low Phase Noise OCXO for Space Application (COTS version)
Features:
Lower cost Commercial Off-The-Shelf version (COTS)
Qualified according to MIL-PRF-55310 Level “S”
Radiation hardened – 10 krad(Si) total dose (TID)
ITAR Free – Manufactured in Germany
Low Phase Noise
Very Low Aging
High Frequency Stability
Hermetical sealed THD package
Short lead time
Models:
Item
Engineering Model
(EM)
Flight Model
(FM)
Lot Acceptance Test
Model (LAT)
Quartz
Crystal
Synthetic HiQ Quartz,
SC-cut, HC-35/U 4-point
Synthetic HiQ
Swept Quartz IAW
SC cut, HC-35/U 4-point
Synthetic HiQ
Swept Quartz IAW
SC cut, HC-35/U 4-point
Electrical
Components
COTS
COTS
Capacitors: AEC-Q200
COTS
Capacitors: AEC-Q200
Mechanical
Components
Form Fit Function
Stainless steel package
with Ni finish
Stainless steel package
with Ni finish
Workmanship
(Soldering)
IPC610 Class 3
ECSS-Q-ST-70-08C and
ECSS-Q-ST-70-38C
ECSS-Q-ST-70-08C and
ECSS-Q-ST-70-38C
Rad Hard
-
10 krad(Si) TID
10 krad(Si) TID
Acceptance Testing
Screening
X
X
Group-A
X
X
Group-B
Testing according to
IEC60679-1 and
MIL-PRF-55310
X
X
Group-C
-
-
X
Ordering Code:
Model
Product category
Revision
Frequency [MHz]
AXIOM75S
EM
FM
LAT
Rev.1
100.000
Example: AXIOM75S-FM_Rev.1 – 100.000 MHz


Similar Part No. - AXIOM75S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM75SH AXTAL-AXIOM75SH Datasheet
542Kb / 13P
Low Phase Noise OCXO for Space Application (COTS version)
AXIOM75SL AXTAL-AXIOM75SL Datasheet
541Kb / 13P
Low Phase Noise 10 MHz OCXO with Sine wave output for Space Application (COTS)
More results

Similar Description - AXIOM75S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
Ultra‐Low Phase Noise OCXO
logo
BOWEI Integrated Circui...
OXK40 BOWEI-OXK40 Datasheet
123Kb / 1P
Low phase noise,Anti-vibration OCXO
logo
Advanced XTAL Products
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
Ultra-Low Phase Noise OCXO
2016-04-15
AXIOM6060A AXTAL-AXIOM6060A Datasheet
211Kb / 14P
Ultra-Low Phase Noise 120 MHz OCXO for Space Application
2014-05-05
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
Low Phase Noise OCXO
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
logo
Advanced XTAL Products
AXIOM70S AXTAL-AXIOM70S Datasheet
541Kb / 13P
Low Phase Noise 10 MHz OCXO with HCMOS output for Space Application (COTS)
2018-02-16
AXIOM75RH AXTAL-AXIOM75RH Datasheet
328Kb / 16P
Ultra-Low Phase Noise Miniature-OCXO for Space Application Standard frequencies 10 MHz and 100 MHz
AXIOM75SH AXTAL-AXIOM75SH Datasheet
542Kb / 13P
Low Phase Noise OCXO for Space Application (COTS version)
AXIOM75SL AXTAL-AXIOM75SL Datasheet
541Kb / 13P
Low Phase Noise 10 MHz OCXO with Sine wave output for Space Application (COTS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com