| Electronic Components Datasheet Search |
|
MD200C08D2 Datasheet(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MD200C08D2 Datasheet(HTML) 7 Page - Microchip Technology |
|
7 / 28 page ![]() 2015 - 2016 Microchip Technology Inc. DS00001888B-page 7 MM7150 2.0 MM7150 MODULE The MM7150 Motion Module provides 9-axis sensor fusion that includes a 3-axis accelerometer, a 3-axis gyroscope and a 3-axis magnetometer. The module has an I2C interface to the host, and supports HID over I2C. The module includes the Bosch BMC150 Geomagnetic Sensor/Accelerometer and Bosch BMG160 Gyroscope. 2.1 Module Block Diagram The block diagram of the module is shown in Figure 2-1. 2.2 Module Features The MM7150 Motion Module provides self-contained 9-axis sensor fusion. It supports fast in-use background calibration of all sensors and calibration monitor. Magnetic immunity features provide enhanced magnetic distortion detection and suppression. The module also provides gyroscope drift cancellation. 2.3 Calibration Requirements User calibration is not required. The MM7150 Motion Module supports fast in-use background calibration of all sensors and calibration monitor. 2.4 Other Information To obtain the most recent and complete documentation for this module, including: - User's Guide - Board Description - Board Schematics - Source Code - Application Examples - Links to Web Seminars Please refer to the web site: www.microchip.com/motion. FIGURE 2-1: MM7150 MODULE BLOCK DIAGRAM Microchip SSC7150 Motion Coprocessor Bosch BMG160 (Gyro) Bosch BMC150 (A+M) TPS22929 Power Load VSENSOR HIDI2C_DEVICE_CLK HIDI2C_DEVICE_DAT HIDI2C_HOST_DAT HIDI2C_HOST_CLK HIDI2C_HOST_INT HOST_TO_SH_WAKE D2_WAKE_UP VDD VSS (x2) AVSS HOST_TO_SH_RESET NC1 NC2 NC3 NC4 NC5 NC6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |